Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXOSVD4-FF-25.000 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CXOSVD4-FF-25.000
Description  Temperature Compensated Crystal Oscillator Voltage Trim Option Available 4 Pin SMD, 3.3V & 5V, Clipped Sine
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CXOSVD4-FF-25.000 Datasheet(HTML) 1 Page - Crystek Corporation

  CXOSVD4-FF-25.000 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-020816 Rev. D
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 14
pin 7
pin 8
O/P Load
incl Probe Cl
OUT
GND
OUT
Vdd
Option
Specifications subject to change without notice.
Designed to meet today's
requirements for tighter
frequency stability tolerance
while reducing unit cost.
4 Pin SMD,
3.3V & 5V, Clipped Sine
CXOSD4 / CXOSVD4 Model
8MHz to 30MHz
3.3V limited to 25.6MHz
±1ppm to ±5ppm
±0.5ppm Max
±0.3ppm Max
-40°C to 85°C
-55°C to 120°C
3.3V or 5V ± 5%
±3ppm Min
Voltage Trim Pin 1
2mA Typ, 5mA Max
Clipped Sinewave
5V = 1.0Vpp Min
3.3V = 0.8Vpp Min
20K Ohm / 5pF Max
-100dBc/Hz
-130dBc/Hz
-140dBc/Hz
-145dBc/Hz
-150dBc/Hz
<1ppm Max/Yr
Frequency Range:
Frequency Stability:
Freq. Stability vs Volt:
Freq. Stability vs Load:
Temperature Range:
Storage:
Input Voltage:
Mech. Trim. Range:
(Option V)
Input Current:
Output::
Output Voltage:
Load:
Phase Noise Typ:
10Hz
100Hz
1KHz
10KHz
100KHz
Aging:
CXOSD4
CXOSVD4 - B C 3 - 25.000
Crystek Part Number Guide
#1 Crystek TCXO 4 Pin SMD Clipped Sinewave
#2 V or blank = (V = Volt.Trim) (Blank = Mech. Trim)
#3 Letter = Operating Temperature (see table 1)
#4 Letter = Frequency Stability (see table 1)
#5 3 or blank = Input Volt (3 = 3.3 volts) (Blank= 5V)
#6 Frequency in MHz: 3 or 6 decimal places
Example:
CXOSD4-BC3-25.000 = mech. trim, -10/60, ±2.5ppm, 3.3V, 25.000MHz
CXOSVD4-BC3-25.000 = volt. trim, -10/60, ±2.5ppm, 3.3V, 25.000MHz
#1
#3
#4
#5
#6
#2
Table 1
Operating
Temperature
Freq. Stability (± ppm)
0°C to 50°C
-10°C to 60°C
-10°C to 70°C
-20°C to 70°C
-30°C to 60°C
-30°C to 70°C
-30°C to 75°C
-40°C to 85°C
1.5
2.0
2.0
2.0
2.0
2.5
2.5
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
AB
C
D
E
F
A
B
C
D
E
F
G
H
1.0
P
2.5
3.0
2.0
2.0
2.0
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
± 5ppm Min
(5V) 2.5V ± 2.5V
(3.3V) 1.65V ± 1.65V
Voltage Trim Pin 1:
Control Voltage:
VCTCXO Specification
CRYSTEK
Freq
DC
.732
(18.60)
.480
(12.20)
.878
(22.3)
.177
(4.5)
.614 ±.020
(15.6 ±0.5)
.311 ±.020
(7.9 ±0.5)
#2
#3
#4
.019 ±.004
(0.5 ±0.1)
#1
Bottom
View
.197
(5.0)
.157
(4.00)
PIN
Function
1
2
3
4
VT or NC
GND
OUT
Vcc
29
Temperature Compensated
Crystal Oscillator
Voltage Trim Option
Available
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Similar Part No. - CXOSVD4-FF-25.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CXOSV CRYSTEKCRYSTAL-CXOSV Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, Clipped Sine
CXOSV-4AA-25.000 CRYSTEKCRYSTAL-CXOSV-4AA-25.000 Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, Clipped Sine
CXOSV-4AA3-25.000 CRYSTEKCRYSTAL-CXOSV-4AA3-25.000 Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, Clipped Sine
CXOSV-4AB-25.000 CRYSTEKCRYSTAL-CXOSV-4AB-25.000 Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, Clipped Sine
CXOSV-4AB3-25.000 CRYSTEKCRYSTAL-CXOSV-4AB3-25.000 Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, Clipped Sine
More results

Similar Description - CXOSVD4-FF-25.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CXOS CRYSTEKCRYSTAL-CXOS Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, Clipped Sine
CXOSD CRYSTEKCRYSTAL-CXOSD Datasheet
113Kb / 1P
   Temperature Compensated Crystal Oscillator 6 Pin SMD, 3.3V & 5V, Clipped Sine
CXOSD5 CRYSTEKCRYSTAL-CXOSD5 Datasheet
110Kb / 1P
   Temperature Compensated Crystal Oscillator 4 Pad SMD, 3.3V & 5V, Clipped Sine
logo
List of Unclassifed Man...
CXOHV-4BC3Y ETC2-CXOHV-4BC3Y Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available
logo
Crystek Corporation
CXOH CRYSTEKCRYSTAL-CXOH Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator Voltage Trim Option Available 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
CXOSD6 CRYSTEKCRYSTAL-CXOSD6 Datasheet
128Kb / 1P
   Temperature Compensated Crystal Oscillator 6 Pad SMD, 3.3V & 5V, Clipped Sine
CVT20 CRYSTEKCRYSTAL-CVT20 Datasheet
80Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator 2.0x2.5 mm SMD, 2.8V, Clipped Sine
CXOHV8 CRYSTEKCRYSTAL-CXOHV8 Datasheet
119Kb / 1P
   Temperature Compensated Crystal Oscillator With Voltage Trim & Hermetic 14 Pin Dip, 3.3V & 5V, HCMOS/TTL
CXOHD CRYSTEKCRYSTAL-CXOHD Datasheet
113Kb / 1P
   Temperature Compensated Crystal Oscillator 6 Pin SMD, 3.3V & 5V, HCMOS/TTL
CXOHD4 CRYSTEKCRYSTAL-CXOHD4 Datasheet
116Kb / 1P
   Temperature Compensated Crystal Oscillator With Voltage Trim & Hermetic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com