Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCO3070 Datasheet(PDF) 1 Page - CTS Corporation

Part # VCO3070
Description  1850-1950MHz VCO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

VCO3070 Datasheet(HTML) 1 Page - CTS Corporation

  VCO3070 Datasheet HTML 1Page - CTS Corporation VCO3070 Datasheet HTML 2Page - CTS Corporation VCO3070 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!"#
!
"
#$
!
%
& #$
' (
) *
+++
!
"
FEATURES
• Industry Standard 12.7x12.7mm SMT Footprint
• +5Vdc Supply Voltage
• -35°C to +85°C Temp. Range
• Low Phase Noise
• Tape & Reel Packaging
• Fully compliant to RoHS Directive 2002/95/EC
DESCRIPTION
The CTS VCO3070 is a high performance SMT VCO.
It’s low phase noise makes it the ideal choice for any
wireless telecommunications system.
SeeWWW.CTSCORP.COM for product patent status.
ELECTRICAL SPECIFICATIONS
Parameter
Conditions & Remarks
Min
Typical
Max
Unit
Operating Frequency
F OUT
1850
-
1950
MHz
Supply Voltage
VCC
4.75
5.0
5.25
Vdc
Supply Current
I cc
-
12
16
mA
Operating Temperature Range
TOP
-35
-
+85
°C
Storage Temperature Range
TSTG
-40
-
+125
°C
Tuning Voltage Range
VT
1.0
-
6
Vdc
Tuning Sensitivity
20
35
50
MHz/V
Power Output
0
3
6
dBm
Pushing
(5.0V +/- 0.25V)
-
2
4
MHz
Pulling
(12db return loss)
-
2
5
MHz
Harmonic suppression
2nd
-
-15
-10
dBc
Harmonic suppression
3rd
-
-20
-10
dBc
Spurious response
-
-
-80
dBc
10kHz
-
-93
-91
dBc/Hz
100kHz
-
-120
-112
dBc/Hz
Phase Noise
1000KHz
-
-135
-132
dBc/Hz
VCO3070
1850 M
CTS
07XX


Similar Part No. - VCO3070

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VCO3072 CTS-VCO3072 Datasheet
171Kb / 3P
   2400-2500MHz VCO
VCO3073 CTS-VCO3073 Datasheet
170Kb / 3P
   3400-3600MHz VCO
VCO3077 CTS-VCO3077 Datasheet
169Kb / 3P
   380-400MHz VCO
VCO3078 CTS-VCO3078 Datasheet
169Kb / 3P
   453-474MHz VCO
More results

Similar Description - VCO3070

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2306A TAI-SAW-TA2306A Datasheet
754Kb / 7P
   SAW Filter 1950MHz
logo
List of Unclassifed Man...
CER0205A ETC1-CER0205A Datasheet
323Kb / 2P
   1950MHz W-CDMA BPF
logo
Soshin electric Co., Lt...
HMD821F SOSHIN-HMD821F Datasheet
21Kb / 1P
   1950MHz Band Chip Power Divider
ARP-482100C SOSHIN-ARP-482100C Datasheet
21Kb / 1P
   1950MHz Band Chip Power Divider
logo
Johanson Technology Inc...
0892DP15D1940 JOHANSON-0892DP15D1940 Datasheet
130Kb / 2P
   892 / 1850 MHz Diplexer
0892DP14A1850 JOHANSON-0892DP14A1850 Datasheet
166Kb / 2P
   892/1850 MHz Diplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TA2039A TAI-SAW-TA2039A Datasheet
731Kb / 7P
   SAW Filter 1850 MHz
logo
Johanson Technology Inc...
0892DP15B1850 JOHANSON-0892DP15B1850 Datasheet
93Kb / 2P
   892 / 1850 MHz Diplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TA0401A TAI-SAW-TA0401A Datasheet
601Kb / 7P
   SAW Filter 1950MHz SMD 2.5X2.0 mm
TA2305A TAI-SAW-TA2305A Datasheet
682Kb / 7P
   SAW Filter 1950MHz (BW 60Hz) SMD 1.1x0.9x0.5mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com