Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPSD412A0-C-90UI Datasheet(PDF) 9 Page - STMicroelectronics

Part # ZPSD412A0-C-90UI
Description  Low Cost Field Programmable Microcontroller Peripherals
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD412A0-C-90UI Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ZPSD412A0-C-90UI Datasheet HTML 5Page - STMicroelectronics ZPSD412A0-C-90UI Datasheet HTML 6Page - STMicroelectronics ZPSD412A0-C-90UI Datasheet HTML 7Page - STMicroelectronics ZPSD412A0-C-90UI Datasheet HTML 8Page - STMicroelectronics ZPSD412A0-C-90UI Datasheet HTML 9Page - STMicroelectronics ZPSD412A0-C-90UI Datasheet HTML 10Page - STMicroelectronics ZPSD412A0-C-90UI Datasheet HTML 11Page - STMicroelectronics ZPSD412A0-C-90UI Datasheet HTML 12Page - STMicroelectronics ZPSD412A0-C-90UI Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 123 page
background image
PSD4XX Family
6
Figure 3. PSDsoft Development Tools
PSDsilos III™
SILOSIII
CHIP SIMULATION
PSD Programmer
PSDpro/MagicPro®
CHIP PROGRAMMING
PSD Compiler
(ZPLD FITTING, ADDRESS TRANSLATION)
PSDabel™
ZPLD DESCRIPTION
(STATE MACHINE, DECODING)
PSDsoft
Development Software
PSD Configuration
CHIP CONFIGURATION
THIRD PARTY
PROGRAMMERS
CODE FILE
Shown in Figure 3 (below) is the software design flow for a PSD4XX device.
PSDsoft—ST’s software development suite—is used throughout the design phase. You
start with a design file that is written in PSDabel—a high-level hardware description
language (HDL). Before you compile your design, you must also configure the PSD4XX so
it knows what signals to expect from your microprocessor and what pre-runtime options
should be set (such as the security bit).
Once you have a design file and have configured the device, you are ready to run the Fitter
and Address Translator. The Fitter accepts input from PSDabel and PSD Configuration,
synthesizes this user logic and configuration, and fits the design to the PSD silicon. The
Address Translator process allows the user to map the MCU firmware from a cross-
compiler (in Intel HEX or S-Record format) into the NVM memory blocks within the PSD. As
a result, the MCU firmware is merged with the logic and configuration definition of the PSD.
The output of the Address Translator and the Fitter is the required object file that is used by
a programmer to program the PSD device. The object file includes chip configuration, the
PLD fusemap, and MCU firmware information.
PSDsilosIII is an optional program that provides functional chip-level simulation of the
PSD4XX. PSDsoft automatically creates files for input to the simulator. These files convey
relevant design information to the simulator. As a result, the user only has to create a
stimulus file since all of the signals and node names are taken from the design file.
6.0
Design Flow


Similar Part No. - ZPSD412A0-C-90UI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ZPSD413A2V-A-20JI STMICROELECTRONICS-ZPSD413A2V-A-20JI Datasheet
348Kb / 51P
   Low Cost Field Programmable Microcontroller Peripherals
ZPSD413A2V-A-20JI STMICROELECTRONICS-ZPSD413A2V-A-20JI Datasheet
1Mb / 153P
   Low Cost Field Programmable Microcontroller Peripherals
More results

Similar Description - ZPSD412A0-C-90UI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD312B-70J STMICROELECTRONICS-PSD312B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD3XX STMICROELECTRONICS-PSD3XX Datasheet
512Kb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD5XX STMICROELECTRONICS-PSD5XX Datasheet
1Mb / 153P
   Low Cost Field Programmable Microcontroller Peripherals
PSD211R STMICROELECTRONICS-PSD211R Datasheet
348Kb / 51P
   Low Cost Field Programmable Microcontroller Peripherals
ZPSD301B-70J STMICROELECTRONICS-ZPSD301B-70J Datasheet
1Mb / 85P
   Low Cost Field Programmable Microcontroller Peripherals
PSD813F2A-90JI STMICROELECTRONICS-PSD813F2A-90JI Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
   Low-Cost Programmable Multi-Protocol Transceivers
SP522 SIPEX-SP522 Datasheet
200Kb / 23P
   Low-Cost Programmable Multi-Protocol Transceivers
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
   Programmable Low-Cost USB Machine (PLUM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com