Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANC482.5W12 Datasheet(PDF) 11 Page - Wall Industries,Inc.

Part # LANC482.5W12
Description  DC/DC Converter 36-75 VDC Input 2.5 VDC Output at 3.5A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC482.5W12 Datasheet(HTML) 11 Page - Wall Industries,Inc.

Back Button LANC482.5W12 Datasheet HTML 6Page - Wall Industries,Inc. LANC482.5W12 Datasheet HTML 7Page - Wall Industries,Inc. LANC482.5W12 Datasheet HTML 8Page - Wall Industries,Inc. LANC482.5W12 Datasheet HTML 9Page - Wall Industries,Inc. LANC482.5W12 Datasheet HTML 10Page - Wall Industries,Inc. LANC482.5W12 Datasheet HTML 11Page - Wall Industries,Inc. LANC482.5W12 Datasheet HTML 12Page - Wall Industries,Inc. LANC482.5W12 Datasheet HTML 13Page - Wall Industries,Inc. LANC482.5W12 Datasheet HTML 14Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TECHNICAL DATASHEET
LANC482.5W12
(888) 597-WALL
www.wallindustries.com
Page 11 of 14
Recommended Pad Layout for DIP Type
Recommended Pad Layout for SMT Type
Figure 15
1. All dimensions in Inches (mm)
2. Pin pitch tolerance ±0.35mm
3. Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
Figure 16


Similar Part No. - LANC482.5W12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC482.5W12 WALL-LANC482.5W12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
More results

Similar Description - LANC482.5W12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC483.3W12 WALL-LANC483.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 3.3 VDC Output at 3.5A
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC4833UW12 WALL-LANC4833UW12 Datasheet
941Kb / 14P
   DC/DC Converter 18-75 VDC Input 3.3 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
LANC2433UW12 WALL-LANC2433UW12 Datasheet
923Kb / 14P
   DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
LANC122 WALL-LANC122 Datasheet
879Kb / 14P
   DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
logo
List of Unclassifed Man...
LANC1225W12 ETC2-LANC1225W12 Datasheet
879Kb / 14P
   DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
logo
Wall Industries,Inc.
LANC4815DW8 WALL-LANC4815DW8 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹15 VDC Output at 짹0.267A
LANC4815W12 WALL-LANC4815W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 15 VDC Output at 0.8A
LANC485.1W12 WALL-LANC485.1W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 5.1 VDC Output at 2.4A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com