Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANC515R2 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANC515R2
Description  Single and Dual Output DIP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC515R2 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANC515R2 Datasheet HTML 1Page - Wall Industries,Inc. LANC515R2 Datasheet HTML 2Page - Wall Industries,Inc. LANC515R2 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TO 3 WATTS
LAN C SERIES
2
WWW
.WALLINDUSTRIES.COM
603 778 2300
5VDC ±10% INPUT VOLTAGE
RANGE
Output
Output
Model
Voltage Current
Number
(VDC)
(mA)
(SEE NOTES)
5
300
LANC505R
5
400
LANC505R2
5
600
LANC505R3
9
170
LANC509R
9
250
LANC509R2
9
300
LANC509R3
12
125
LANC512R
12
166
LANC512R2
12
250
LANC512R3
15
100
LANC515R
15
133
LANC515R2
15
200
LANC515R3
±5
±150 LANC505RD
±5
±200 LANC505RD2
±5
±300 LANC505RD3
±9
±90
LANC509RD
±9
±110 LANC509RD2
±9
±165 LANC509RD3
±12 ±60
LANC512RD
±12 ±83
LANC512RD2
±12 ±125 LANC512RD3
±15 ±50 LANC515RD
±15 ±67 LANC515RD2
±15 ±100 LANC515RD3
12VDC ±10% INPUT VOLTAGE
RANGE
Output
Output
Model
Voltage Current
Number
(VDC)
(mA)
(SEE NOTES)
5
300
LANC1205R
5
400
LANC1205R2
5
600
LANC1205R3
9
170
LANC1209R
9
250
LANC1209R2
9
300
LANC1209R3
12
125
LANC1212R
12
166
LANC1212R2
12
250
LANC1212R3
15
100
LANC1215R
15
133
LANC1215R2
15
200
LANC1215R3
±5 ±150
LANC1205RD
±5 ±200
LANC1205RD2
±5 ±300 LANC1205RD3
± 9 ±90
LANC1209RD
±9 ±110 LANC1209RD2
±9 ±165 LANC1209RD3
±12 ±60
LANC1212RD
±12 ±83
LANC1212RD2
±12 ±125 LANC1212RD3
±15 ± 50 LANC1215RD
±15 ± 67 LANC1215RD2
±15 ±100 LANC1215RD3
15VDC ±10% INPUT VOLT-
AGE RANGE
Output
Output
Model
Voltage Current
Number
(VDC)
(mA)
(SEE NOTES)
24VDC ±10% INPUT VOLTAGE
RANGE
Output Output
Model
Voltage Current
Number
(VDC)
(mA) (SEE NOTES)
5
300
LANC1505R
5
400
LANC1505R2
5
600
LANC1505R3
9
170
LANC1509R
9
250
LANC1509R2
9
300
LANC1509R3
12
125
LANC1512R
12
166
LANC1512R2
12
250
LANC1512R3
15
100
LANC1515R
15
133
LANC1515R2
15
200
LANC1515R3
±5
±150 LANC1505RD
±5
±200 LANC1505RD2
±5
±300 LANC1505RD3
±9
±90
LANC1509RD
±9
±110 LANC1509RD2
±9
±165 LANC1509RD3
±12 ±60
LANC1512RD
±12 ±83
LANC1512RD2
±12 ±125 LANC1512RD3
±15 ±50
LANC1515RD
±15 ±67
LANC1515RD2
±15 ±100 LANC1515RD3
5
300
LANC2405R
5
400
LANC2405R2
5
600
LANC2405R3
9
170
LANC2409R
9
250
LANC2409R2
9
300
LANC2409R3
12
125
LANC2412R
12
166
LANC2412R2
12
250
LANC2412R3
15
100
LANC2415R
15
133
LANC2415R2
15
200
LANC2415R3
±5 ±150
LANC2405RD
±5 ±200
LANC2405RD2
±5 ±300 LANC2405RD3
±9 ±90
LANC2409RD
±9 ±110 LANC2409RD2
±9 ±165 LANC2409RD3
±12 ±60
LANC2412RD
±12 ±83
LANC2412RD2
±12 ±125 LANC2412RD3
±15 ±50
LANC2415RD
±15 ±67
LANC2415RD2
±15 ±100 LANC2415RD3
PIN CONNECTIONS
Isolation
500 VDC
3000 VDC*
Single
Dual
Single
Dual
Vin +
1, 24
1, 24
1, 2
1, 2
Vin -
12, 13
12, 13
23, 24
23, 24
Vout +
11, 14
11, 14
13
15
Common
3, 10,
10, 11
15, 22
Vout -
10, 15
2, 23
12
13
No Connect
2, 3
10, 11
12, 14
22, 23
14, 15
No Pins
3,22
3,22
6/13/08
NOTE:
For 3KV isolation add suffix "H" to part number
(“H” suffix not available for 3 watt models)
Rev B


Similar Part No. - LANC515R2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC515DW3 WALL-LANC515DW3 Datasheet
105Kb / 3P
   Wide Input Range, Dual In-Line Package
LANC515DW3 WALL-LANC515DW3 Datasheet
624Kb / 6P
   RoHS Compliant
LANC515W3 WALL-LANC515W3 Datasheet
105Kb / 3P
   Wide Input Range, Dual In-Line Package
LANC515W3 WALL-LANC515W3 Datasheet
624Kb / 6P
   RoHS Compliant
More results

Similar Description - LANC515R2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRA1205LD-15WR2 MORNSUN-VRA1205LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING,
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
MSA0505MD-3W MORNSUN-MSA0505MD-3W Datasheet
101Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30WR2 MORNSUN-URA2405D-30WR2 Datasheet
1Mb / 7P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com