Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST18952 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST18952
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 3Page - STMicroelectronics ST18952 Datasheet HTML 4Page - STMicroelectronics ST18952 Datasheet HTML 5Page - STMicroelectronics ST18952 Datasheet HTML 6Page - STMicroelectronics ST18952 Datasheet HTML 7Page - STMicroelectronics ST18952 Datasheet HTML 8Page - STMicroelectronics ST18952 Datasheet HTML 9Page - STMicroelectronics ST18952 Datasheet HTML 10Page - STMicroelectronics ST18952 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
7/66
ST18952
Table 2.7
D950Core control (10 pins)
Table 2.8
Emulation unit (7 pins)
Pin name
Type
Description
RESET
I
Reset input. Active low.
Initializes the 950-Core to the RESET state.
RESET_OUT
O
Reset output (system reset). Active low.
LP
I
Low power input. Active low.
LPACK
O
Low power acknowledge. Active low.
MODE
I
Mode selection for Reset.
0: forces reset address to 0x0000
1: forces reset address to 0xFC00
IRD_WR
O
Program memory read/write indicator.
VCI
O
Valid coprocessor instruction output.
Asserted low during the instruction cycle preceding a coprocessor instruc-
tion to enable operation of an external coprocessor.
STACKX
O
X stack read/write instruction flag.
STACKY
O
Y stack read/write instruction flag.
IDT_EN
I
I-bus direct transfer enable (to BSU peripheral). Active low.
Pin name
Type
Description
ERQ
I
Emulator Halt Request. Active low.
Halts program execution and enters emulation mode.
IDLE
O
Output flag asserted high when the processor is halted due to an emulation
halt request or a valid breakpoint condition.Asserted low when the proces-
sor is not Halted or during execution of an instruction under control of the
emulator.
HALTACK
O
Halt acknowledge. Active high.
Asserted high when the processor is halted from an Emulator Halt request
or when a valid Breakpoint condition is met.
SNAP
O
Snapshot. Active high.
Asserted high when executing an instruction if Snapshot mode is enabled.
AXEBP
I
Enable breakpoint on X address bus when high.
AYEBP
I
Enable breakpoint on Y address bus when high.
AIEBP_SCAN_EN
I
Enable breakpoint on I address bus when high.


Similar Part No. - ST18952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST18-AU1 STMICROELECTRONICS-ST18-AU1 Datasheet
502Kb / 87P
   SIX-CHANNEL DOLBY AC3/MPEG2 AUDIO DECODER
logo
Vishay Siliconix
ST1800-25T4MI VISHAY-ST1800-25T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST1802FH STMICROELECTRONICS-ST1802FH Datasheet
82Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST1802FX STMICROELECTRONICS-ST1802FX Datasheet
178Kb / 10P
   HIGH VOLTAGE FAST - SWITCHING NPN POWER TRANSISTOR
ST1802HI STMICROELECTRONICS-ST1802HI Datasheet
68Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - ST18952

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
   16-BIT DSP DIGITAL SIGNAL PROCESSOR
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA8110G PHILIPS-SAA8110G Datasheet
232Kb / 36P
   Digital Signal Processor DSP for cameras
1997 Jun 13
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
   Car radio Digital Signal Processor (DSP)
2001 Mar 05
logo
Zilog, Inc.
Z86C95 ZILOG-Z86C95 Datasheet
147Kb / 18P
   CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
logo
STMicroelectronics
D950-CORE STMICROELECTRONICS-D950-CORE Datasheet
560Kb / 89P
   16-Bit Fixed Point Digital Signal Processor DSP Core
logo
Toshiba Semiconductor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
   Single-chip Audio Digital Signal Processor
TC9496AF TOSHIBA-TC9496AF Datasheet
465Kb / 48P
   1 Chip Audio Digital Signal Processor
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
   Single-Chip Audio Digital Signal Processor
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com