Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBS104S13 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XBS104S13
Description  Schottky Barrier Diode, 1A, 40V Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XBS104S13 Datasheet(HTML) 1 Page - Torex Semiconductor

  XBS104S13 Datasheet HTML 1Page - Torex Semiconductor XBS104S13 Datasheet HTML 2Page - Torex Semiconductor XBS104S13 Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
XBS104S13
Schottky Barrier Diode, 1A, 40V Type
■PACKAGING INFORMATION
Ta=25
PRODUCT NAME
DEVICE ORIENTATION
XBS104S13
*
R
: Embossed tape, standard feed
*
□ Please put the device orientation type “R”.
Ta=25
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF1
IF=100mA
-
0.34
-
V
Forward Voltage
VF2
IF=1A
-
0.49
0.54
V
Reverse Current
IR
VR=40V
-
4
200
μA
Inter-Terminal Capacity
Ct
VR=10V , f=1MHz
-
35
-
pF
Reverse Recovery Time
*2
trr
IF=IR=10mA , irr=1mA , RL=100
Ω
-
25
-
ns
*2
:trr measurement circuit
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Reverse Voltage
VRM
40
V
Reverse Voltage (DC)
VR
40
V
Forward Current (Average)
IF(AV)
1
A
Non Continuous
Forward Surge Current
*1
IFSM
10
A
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55
∼+150
*1
:Non continuous high amplitude 60Hz half-sine wave.
① ②
①: 1 (Product Number)
②: Assembly Lot Number
Forward Voltage
: VF=0.49V (TYP.)
Forward Current
: IF(AV)=1A
Repetitive Peak Reverse Voltage : VRM=40V
■ABSOLUTE MAXIMUM RATINGS
■APPLICATIONS
●Rectification
●Protection against reverse connection of battery
■MARKING RULE
■ELECTRICAL CHARACTERISTICS
■PRODUCT NAME
■FEATURES
A
被測定ダイオード
オシロスコープ
パルス発生器
バイアス
I F
IR
trr
t
irr
0
ETR1608-002
Bias
Pulse Generatrix
Oscilloscope
Device Under Test
Cathode Bar
SOD-323A
Unit : mm


Similar Part No. - XBS104S13

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS104S13-12 TOREX-XBS104S13-12 Datasheet
97Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
XBS104S13R TOREX-XBS104S13R Datasheet
97Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
XBS104S13R-G TOREX-XBS104S13R-G Datasheet
97Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
XBS104S13R-G TOREX-XBS104S13R-G Datasheet
97Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
XBS104S13 TOREX-XBS104S13_12 Datasheet
97Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
More results

Similar Description - XBS104S13

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBS104V14 TOREX-XBS104V14_12 Datasheet
95Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
XBS104V14 TOREX-XBS104V14 Datasheet
73Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
XBS104S13 TOREX-XBS104S13_12 Datasheet
97Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
XBS104V14-12 TOREX-XBS104V14-12 Datasheet
95Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
XBS104S13R-G TOREX-XBS104S13R-G Datasheet
97Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
XBS104S13-12 TOREX-XBS104S13-12 Datasheet
97Kb / 3P
   Schottky Barrier Diode, 1A, 40V Type
XBS104P11R-G TOREX-XBS104P11R-G Datasheet
185Kb / 5P
   Schottky Barrier Diode, 1A, 40V Type
XB01SB04A2BR TOREX-XB01SB04A2BR Datasheet
112Kb / 4P
   Schottky Barrier Diode 1A, 40V Type
XBS104S14 TOREX-XBS104S14 Datasheet
70Kb / 3P
   Schottky Barrier Diode, 1A, 40V, SOD-123A Package
logo
SeCoS Halbleitertechnol...
SK140LFL SECOS-SK140LFL Datasheet
296Kb / 2P
   40V, 1A Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com