Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF537 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-BF537
Description  Blackfin Embedded Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF537 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-BF537 Datasheet HTML 7Page - Analog Devices ADSP-BF537 Datasheet HTML 8Page - Analog Devices ADSP-BF537 Datasheet HTML 9Page - Analog Devices ADSP-BF537 Datasheet HTML 10Page - Analog Devices ADSP-BF537 Datasheet HTML 11Page - Analog Devices ADSP-BF537 Datasheet HTML 12Page - Analog Devices ADSP-BF537 Datasheet HTML 13Page - Analog Devices ADSP-BF537 Datasheet HTML 14Page - Analog Devices ADSP-BF537 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
ADSP-BF534/ADSP-BF536/ADSP-BF537
Rev. E
|
Page 11 of 68
|
March 2008
In conjunction with the general-purpose timer functions, auto-
baud detection is supported.
The capabilities of the UARTs are further extended with sup-
port for the infrared data association (IrDA
®) serial infrared
physical layer link specification (SIR) protocol.
CONTROLLER AREA NETWORK (CAN)
The ADSP-BF534/ADSP-BF536/ADSP-BF537 processors offer
a CAN controller that is a communication controller imple-
menting the CAN 2.0B (active) protocol. This protocol is an
asynchronous communications protocol used in both industrial
and automotive control systems. The CAN protocol is well-
suited for control applications due to its capability to communi-
cate reliably over a network, since the protocol incorporates
CRC checking message error tracking, and fault node
confinement.
The CAN controller offers the following features:
• 32 mailboxes (eight receive only, eight transmit only, 16
configurable for receive or transmit).
• Dedicated acceptance masks for each mailbox.
• Additional data filtering on first two bytes.
• Support for both the standard (11-bit) and extended
(29-bit) identifier (ID) message formats.
• Support for remote frames.
• Active or passive network support.
• CAN wake-up from hibernation mode (lowest static power
consumption mode).
• Interrupts, including: Tx complete, Rx complete, error,
global.
The electrical characteristics of each network connection are
very demanding so the CAN interface is typically divided into
two parts: a controller and a transceiver. This allows a single
controller to support different drivers and CAN networks. The
CAN module represents only the controller part of the interface.
The controller interface supports connection to 3.3 V high-
speed, fault-tolerant, single-wire transceivers.
TWI CONTROLLER INTERFACE
The ADSP-BF534/ADSP-BF536/ADSP-BF537 processors
include a 2-wire interface (TWI) module for providing a simple
exchange method of control data between multiple devices. The
TWI is compatible with the widely used I2C
® bus standard. The
TWI module offers the capabilities of simultaneous master and
slave operation, support for both 7-bit addressing and multime-
dia data arbitration. The TWI interface utilizes two pins for
transferring clock (SCL) and data (SDA) and supports the
protocol at speeds up to 400 kbps. The TWI interface pins are
compatible with 5 V logic levels.
Additionally, the processor’s TWI module is fully compatible
with serial camera control bus (SCCB) functionality for easier
control of various CMOS camera sensor devices.
10/100 ETHERNET MAC
The ADSP-BF536 and ADSP-BF537 processors offer the capa-
bility to directly connect to a network by way of an embedded
fast Ethernet Media Access Controller (MAC) that supports
both 10-BaseT (10 Mbps) and 100-BaseT (100 Mbps) operation.
The 10/100 Ethernet MAC peripheral is fully compliant to the
IEEE 802.3-2002 standard, and it provides programmable fea-
tures designed to minimize supervision, bus use, or message
processing by the rest of the processor system.
Some standard features are
• Support of MII and RMII protocols for external PHYs.
• Full duplex and half duplex modes.
• Data framing and encapsulation: generation and detection
of preamble, length padding, and FCS.
• Media access management (in half-duplex operation): col-
lision and contention handling, including control of
retransmission of collision frames and of back-off timing.
• Flow control (in full-duplex operation): generation and
detection of PAUSE frames.
• Station management: generation of MDC/MDIO frames
for read-write access to PHY registers.
• SCLK operating range down to 25 MHz (active and sleep
operating modes).
• Internal loopback from Tx to Rx.
Some advanced features are
• Buffered crystal output to external PHY for support of a
single crystal system.
• Automatic checksum computation of IP header and IP
payload fields of Rx frames.
• Independent 32-bit descriptor-driven Rx and Tx DMA
channels.
• Frame status delivery to memory via DMA, including
frame completion semaphores, for efficient buffer queue
management in software.
• Tx DMA support for separate descriptors for MAC header
and payload to eliminate buffer copy operations.
• Convenient frame alignment modes support even 32-bit
alignment of encapsulated Rx or Tx IP packet data in mem-
ory after the 14-byte MAC header.
• Programmable Ethernet event interrupt supports any com-
bination of
• Any selected Rx or Tx frame status conditions.
• PHY interrupt condition.
• Wake-up frame detected.
• Any selected MAC management counter(s) at
half-full.
• DMA descriptor error.
• 47 MAC management statistics counters with selectable
clear-on-read behavior and programmable interrupts on
half maximum value.


Similar Part No. - ADSP-BF537

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF537 AD-ADSP-BF537 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF537BBC-5A AD-ADSP-BF537BBC-5A Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF537BBCZ-5A AD-ADSP-BF537BBCZ-5A Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF537BBCZ-5B AD-ADSP-BF537BBCZ-5B Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF537KBC-6A AD-ADSP-BF537KBC-6A Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
More results

Similar Description - ADSP-BF537

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com