Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-100811 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS-100811
Description  Sealed Sub-Miniature Rocker Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS-100811 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS-100811 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sealed Sub-Miniature Rocker Switch
103-7028-EVX
Ref. #: MS-100811
Last Update: 12-29-05
www.mouser.com
1-800-346-6873
Dimensions: mm (In.)
Available from Mouser Electronics
Electrical Specifications:
Rating: 1A/250VAC, 3A/120VAC or 28VDC
Contact Resistance: 20mΩmax. initial @ 2-4VDC 100mA
Insulation Resistance: 1,000MΩmin.
Dielectric Strength: 1,000 V RMS@ sea level
Materials:
Case & Bushing: glass filled nylon 6/6, retardant, heat stabilized (UL94V-0)
Actuator: nylon, black std. internal o-ring seal standard with all actuators
Switch Support: brass or steel, tin plated.
Terminals / Contact: gold plated copper
7.62
(.30)
19.20
(.756)
8.62
(.339)
7.62
(.30)
2.54
(.10)
ø1.09
(ø.043)
P.C. MOUNTING
4.11
(.162)
12.26
(.483)
14.60
(.575)
5.47
(.255)
15.75
(.62)
R .01
(R .25)
8.89
(.35)
17.02
(.30)
3.30
(.13)
2.54
(.10)
.51
(.02)
8
(.315)
.76
(.03)
.51
(.02)
Epoxy
Seal
3
1
2
3
1
2
7.97
(.314)
11.28
(.444)
POS. 1
2-3
1
3
2
Comm.
1
3
2
Comm.
2-1
MOM
OFF
OPEN
MOM
POS. 2
POS. 3
SCHEMATIC
Mechanical Specifications:
Mechanical Life: 30,000 make-and-break cycles.
Operating Temperature: -30˚C to 85˚C
Note:
RoHS compliant by exemption
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - MS-100811

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-100198 ETC2-MS-100198 Datasheet
76Kb / 1P
   Ultra-Low Profile DIP Switches
MS-100587 ETC2-MS-100587 Datasheet
142Kb / 1P
   Tactile Switch (Thru-Hole)
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
   Tactile Switches (SMT)
More results

Similar Description - MS-100811

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
logo
Cherry Semiconductor Co...
KRE2ANA1BBD CHERRY-KRE2ANA1BBD Datasheet
252Kb / 2P
   Sealed Rocker Switch
logo
ZF Friedrichshafen AG
KDH3ALA2RBB ZFSWITCHES-KDH3ALA2RBB Datasheet
272Kb / 2P
   Sealed Rocker Switch
KCA2ALA2RBB ZFSWITCHES-KCA2ALA2RBB Datasheet
271Kb / 2P
   Sealed Rocker Switch
KSF2ANB1BBD ZFSWITCHES-KSF2ANB1BBD Datasheet
273Kb / 2P
   Sealed Rocker Switch
KGC2ANB1BBD ZFSWITCHES-KGC2ANB1BBD Datasheet
235Kb / 2P
   Sealed Rocker Switch
KMD2AMB7BBBNR1 ZFSWITCHES-KMD2AMB7BBBNR1 Datasheet
236Kb / 2P
   Sealed Rocker Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com