Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGDBI-10-C-C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MGDBI-10-C-C
Description  Industrial DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDBI-10-C-C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MGDBI-10-C-C Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDBI-10-C-C Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDBI-10-C-C Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDBI-10-C-C Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDBI-10-C-C Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDBI-10-C-C Datasheet HTML 9Page - List of Unclassifed Manufacturers MGDBI-10-C-C Datasheet HTML 10Page - List of Unclassifed Manufacturers MGDBI-10-C-C Datasheet HTML 11Page - List of Unclassifed Manufacturers MGDBI-10-C-C Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
For locations, phone, fax, E-Mail see back cover
9
Industrial
Grade
MGDI-10 Standard Input Series
Gaia Converter FC97-006.03/06 Revision M
©
5
11- Description of Protections
11-1 Input Undervoltage Lock-out (UVLO)
The input undervoltage lock-out protection device turns-
on and turns-off the output voltage when the input bus
voltage reaches the undervoltage lock-out threshold. There
is no hysteresis cycle at turn-on and turn-off.
11-2 Output Short Circuit Protection (SCP)
The short circuit protection device protects the module
against short circuit of any duration and restores the mo-
dule to normal operation when the short circuit is removed.
It operates in «hiccup» mode by testing periodically if an
overload is applied (typically every 200ms recovery time).
The overload detection threshold is typically 200% of maxi-
mum current with a detection time lower than 5ms.
11-3 Output Overvoltage Protection (OVP)
The output overvoltage protection device protects external
components against high voltage or possible overvoltages
which can be supplied by the module (i.e in case of internal
failure). It consists of a zener diode clamping the output
voltage; under worst case conditions this zener diode will
short-circuit.
The output voltage protection is not designed to withstand
externally applied output overvoltages to protect the mo-
dule itself.
Vin
On
Off
UVLO
Turn-on/Turn-off
time
recovery time
detection time
recovery time
x
100
Vo (%)


Similar Part No. - MGDBI-10-C-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDBI-10-C-C ETC1-MGDBI-10-C-C Datasheet
165Kb / 9P
   2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation
More results

Similar Description - MGDBI-10-C-C

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
Advantech Co., Ltd.
PWR-246E ADVANTECH-PWR-246E Datasheet
735Kb / 2P
   Industrial DC to DC Converter w/24 48VDC Power Input
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com