Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24150YFFT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24150YFFT
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24150YFFT Datasheet(HTML) 4 Page - Texas Instruments

  BQ24150YFFT Datasheet HTML 1Page - Texas Instruments BQ24150YFFT Datasheet HTML 2Page - Texas Instruments BQ24150YFFT Datasheet HTML 3Page - Texas Instruments BQ24150YFFT Datasheet HTML 4Page - Texas Instruments BQ24150YFFT Datasheet HTML 5Page - Texas Instruments BQ24150YFFT Datasheet HTML 6Page - Texas Instruments BQ24150YFFT Datasheet HTML 7Page - Texas Instruments BQ24150YFFT Datasheet HTML 8Page - Texas Instruments BQ24150YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
bq24150
bq24151
SLUS824 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
MIN
NOM
MAX
UNIT
VBUS
Supply voltage, VBUS
4
6(1)
V
TJ
Operating junction temperature range
0
+125
°C
(1)
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the BOOST or SW pins. A tight
layout minimizes switching noise.
Circuit of Figure 1, VBUS = 5 V, HZ_MODE = 0, OPA_MODE = 0 (charger mode operation), TJ = 0°C to 125°C, TJ = 25°C for
typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENTS
VBUS > VBUS(min), PWM switching
10
mA
VBUS > VBUS(min), PWM NOT switching
5
0°C < TJ < 85°C, VBUS = 5 V, HZ_MODE = 1,
V(AUXPWR) > V(LOWV), SCL, SDA, OTG = 0 V or
20
µA
I(VBUS)
VBUS supply current control
1.8 V
0°C < TJ < 85°C, VBUS = 5 V, HZ_MODE = 1,
V(AUXPWR) < V(LOWV), 32S mode, SCL, SDA, OTG
35
µA
= 0 V or 1.8 V
Leakage current from battery to
0°C < TJ < 85°C, V(AUXPWR) = 4.2 V, High
Ilkg
5
µA
VBUS pin
Impedance mode
Battery discharge current in High
0°C < TJ < 85°C, V(AUXPWR) = 4.2 V, High
Impedance mode, (CSIN,
Impedance mode
20
µA
CSOUT, AUXPWR, SW pins)
SCL, SDA, OTG = 0 V or 1.8 V
VOLTAGE REGULATION
V(OREG)
Output charge voltage
Operating in voltage regulation, programmable
3.5
4.44
V
TA = 25°C
–0.5%
0.5%
Voltage regulation accuracy
±1%
CURRENT REGULATION (FAST CHARGE)
V(LOWV) ≤ V(AUXPWR) < V(OREG), VBUS > V(SLP),
550
IO(CHARGE)
Output charge current
1250
mA
R(SNS) = 68 mΩ Programmable
Regulation accuracy for charge
20 mV
≤ V(IREG) ≤ 40 mV
–5%
5%
current across R(SNS)
40 mV < V(IREG)
–3%
3%
V(IREG) = IO(CHARGE) × R(SNS)
WEAK BATTERY DETECTION
V(LOWV)
Weak battery voltage threshold
Programmable
3.4
3.7
V
Weak battery voltage accuracy
–5%
5%
Hysteresis for V(LOWV)
Battery voltage falling
100
mV
Deglitch time for weak battery
Rising voltage, 2-mV over drive, tRISE = 100 ns
30
ms
threshold
OTG PIN LOGIC LEVEL
VIL
Input low threshold level
0.4
V
VIH
Input high threshold level
1.3
V
CHARGE TERMINATION DETECTION
Termination charge current
V(AUXPWR) > V(OREG) – V(RCH),
mA
I(TERM)
50
400
VBUS > V(SLP), R(SNS) = 68 mΩ Programmable
Deglitch time for charge
Both rising and falling, 2-mV overdrive, tRISE, tFALL
30
ms
termination
= 100 ns
Voltage regulation accuracy for
3 mV
≤ V(IREG_TERM) < 20 mV
–25%
25%
termination current across R(SNS)
20 mV
≤ V(IREG_TERM) ≤ 40 mV
–5%
5%
V(IREG_TERM) = IO(TERM) × R(SNS)
INPUT POWER SOURCE DETECTION
Input voltage lower limit
Input power source detection
3.6
3.8
4
V
Deglitch time for VBUS rising
ms
VIN(min)
Rising voltage, 2-mV overdrive, tRISE = 100 ns
30
above VIN(min)
Hysteresis for VIN(min)
Input voltage rising
100
200
mV
tINT
Detection Interval
Input power source detection
2
S
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq24150 bq24151


Similar Part No. - BQ24150YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
bq24150AYFFR TI-bq24150AYFFR Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
bq24150AYFFT TI-bq24150AYFFT Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
More results

Similar Description - BQ24150YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI-BQ24140_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com