Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2006-02A-622.0800 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # M2006-02A-622.0800
Description  VCSO BASED FEC CLOCK PLL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2006-02A-622.0800 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  M2006-02A-622.0800 Datasheet HTML 1Page - Integrated Circuit Systems M2006-02A-622.0800 Datasheet HTML 2Page - Integrated Circuit Systems M2006-02A-622.0800 Datasheet HTML 3Page - Integrated Circuit Systems M2006-02A-622.0800 Datasheet HTML 4Page - Integrated Circuit Systems M2006-02A-622.0800 Datasheet HTML 5Page - Integrated Circuit Systems M2006-02A-622.0800 Datasheet HTML 6Page - Integrated Circuit Systems M2006-02A-622.0800 Datasheet HTML 7Page - Integrated Circuit Systems M2006-02A-622.0800 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
M2006-02A Datasheet Rev 1.0
7 of 8
Revised 28Jul2004
Integr ated Circuit Systems , Inc. ● Ne tw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (508 ) 85 2-54 00
M2006-02A
VCSO BASED FEC CLOCK PLL
Prod uct Data Sh eet
Integrated
Circuit
Systems, Inc.
ELECTRICAL SPECIFICATIONS (CONTINUED)
PARAMETER MEASUREMENT INFORMATION
Output Rise and Fall Time
Figure 5: Output Rise and Fall Time
Output Duty Cycle
Figure 6: Output Duty Cycle
AC Characteristics
Unless stated otherwise, V
CC = 3.3V +5%,TA = 0
oC to +70 oC (commercial), T
A = -40
oC to +85 oC (industrial), F
VCSO = FOUT = 622-675MHz,
LVPECL outputs terminated with 50
Ω to V
CC - 2V
Symbol Parameter
Min
Typ
Max
Unit Test Conditions
Input
Frequency
Range
F
IN
Input Frequency
DIF_REF0, nDIF_REF0,
DIF_REF1, nDIF_REF1
10
700
MHz
Output
Frequency
F
FOUT
Output Frequency
Range
FOUT0, nFOUT0,
FOUT1, nFOUT1
100
700
MHz
APR
VCSO Pull-Range
Commercial
±120
±200
ppm
Industrial
±50
±150
ppm
PLL Loop
Constants 1
Note 1: Parameters needed for PLL Simulator software; see Table 8, Example External Loop Filter Component Values, on pg. 5.
K
VCO
VCO Gain
800
kHz/V
R
IN
Internal Loop Resistor
50
k
BW
VCSO
VCSO Bandwidth
700
kHz
Phase Noise
and Jitter
Φn
Single Side Band
Phase Noise
@622.08MHz
1
kHz Offset
-73
dBc/Hz
Fin=19.44 MHz
Mfin=32, Mfec=1, Rfec=1
10
kHz Offset
-103
dBc/Hz
100
kHz Offset
-126
dBc/Hz
J(t)
Jitter (rms)
@622.08MHz
12kHz to 20MHz
0.25
0.5
ps rms
50kHz to 80MHz
0.25
0.5
ps rms
t
PW
Output Duty Cycle 2
FOUT0, nFOUT0,
FOUT1, nFOUT1
Note 2: See Parameter Measurement Information on pg. 7.
P0, P1 = 1
40
50
60
%
P0, P1 = 4
45
50
55
%
t
R
Output Rise Time 2
FOUT0, nFOUT0,
FOUT1, nFOUT1
200
450
500
ps
20
% to 80%
t
F
Output Fall Time 2
200
450
500
ps
20
% to 80%
Table 12: AC Characteristics
20%
80%
tR
20%
tF
80%
Clock Output
V
P
-P
nFOUT
FOUT
t
PW
t
PERIOD
(Output Pulse Width)
tPERIOD
tPW
odc =


Similar Part No. - M2006-02A-622.0800

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
More results

Similar Description - M2006-02A-622.0800

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
M1033 ICST-M1033 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1025 ICST-M1025 Datasheet
340Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1040 ICST-M1040 Datasheet
436Kb / 12P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
   VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
   VCSO BASED CLOCK JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com