Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGDBI-10-I-E Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MGDBI-10-I-E
Description  Industrial DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDBI-10-I-E Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MGDBI-10-I-E Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDBI-10-I-E Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDBI-10-I-E Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDBI-10-I-E Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDBI-10-I-E Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDBI-10-I-E Datasheet HTML 9Page - List of Unclassifed Manufacturers MGDBI-10-I-E Datasheet HTML 10Page - List of Unclassifed Manufacturers MGDBI-10-I-E Datasheet HTML 11Page - List of Unclassifed Manufacturers MGDBI-10-I-E Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
For locations, phone, fax, E-Mail see back cover
11
Industrial
Grade
MGDI-10 Standard Input Series
Gaia Converter FC97-006.03/06 Revision M
©
5
Metallic case black anodized coating
Matte tin plating finished pin
Pin dimensions : O 0,73 mm (0.03 ”)
40
(1.58")
35.56
(1,40")
7,60
(0.30")
5 min
(0.20")
20,32
(0.80")
26
(1.03")
8
(0.32")
26,20
(1.03")
10,16
(0.40")
13- Dimensions
Dimensions are given in mm (inches). Tolerance : +/- 0,2 mm (+/- 0.01 “) unless otherwise indicated.
Weight : 20 grams (0.7 Ozs) max.
14- Product Marking
Upper face : Company logo, location of manufacturing.
Side face :
Module reference, option, date code : year and week of manufacturing.
15- Connections
1
Bottom view
3
2
4
6
5
Pin
Bi Output
Single Output
1
+ Input (Vi)
+ Input (Vi)
2
No pin
No pin
3
- Input (Gi)
- Input (Gi)
4
Output + (+Vo)
Output (Vo)
5
Common (Go)
No pin
6
Output - (-Vo)
Common (Go)


Similar Part No. - MGDBI-10-I-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDBI-10-I-E ETC1-MGDBI-10-I-E Datasheet
165Kb / 9P
   2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation
More results

Similar Description - MGDBI-10-I-E

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
Advantech Co., Ltd.
PWR-246E ADVANTECH-PWR-246E Datasheet
735Kb / 2P
   Industrial DC to DC Converter w/24 48VDC Power Input
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com