Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGDBI-10-I-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MGDBI-10-I-F
Description  Industrial DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDBI-10-I-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MGDBI-10-I-F Datasheet HTML 1Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 2Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Single output model
: MGDSI-10-
Industrial DC/DC CONVERTER
MGDI-10 Standard Input : 10W POWER
• Low profile : 0,33 “ ( 8.5mm)
• Nominal power of 10 W without derating
• Wide temperature range : -40°C/+95°C case
• High efficiency up to 83 %
• Soft start
• Galvanic isolation 1.500 VDC
• Integrated LC EMI filter
• Permanent short circuit protection
• No optocoupler for high reliability
Gaia Converter FC97-006.03/06 Revision M
©
REDEFINING THE SOURCE OF POWER
1-General
Industrial
Grade
For locations, phone, fax, E-Mail see back cover
2-Product Selection
Input Voltage Range
B : 3.3 VDC
C : 5 VDC or +/-5VDC
E : 12 VDC or +/-12VDC
F : 15 VDC or +/-15VDC
Permanent
C : 4,5-5,5 VDC
I : 18-36 VDC
Output
5
The MGDI-10 series is a full family of DC/DC
power modules designed for use in distributed
power architecture and are particularly suitable
for mobile or ground fixed applications in
transportation, industry and télécommunication
areas. These modules use a high frequency fixed
switching technic at 480 KHz providing excellent
reliability, low noise characteristics, high power
density and a low profile package. Standard
models are available with nominal input volta-
ges as 5, 12, or 24 volts in range of 4,5-5,5 or
18-36 volts. The series include single and bi
output voltage choices of 3,3, 5, 12, 15, +/-5,
+/-12 or +/-15 volts.
No external heatsink is required for the MGDI-
10 series to supply 10W output power over the
case temperature range of -40°C up to 95°C.
The MGDI-10 series is designed in conformity
with safety standards EN60950 and UL1950.
All the modules are designed with LC network
filters to minimize reflected input current ripple
and output voltage ripple according to EN55022
and FCC Part 15J standard.
The modules include a soft-start, an input
undervoltage lock-out, a permanent short cir-
cuit protection and an output overvoltage pro-
tection to ensure efficient module protections.
The soft-start allows current limitation and
eliminates inrush current during start-up. The
short circuit protection completely protects the
modules against short-circuits of any duration
by a shut-down and restores to normal when
the overload is removed.
The design has been carried out with surface
mount components and is manufactured in a
fully automated process to guarantee high
quality. Each module is tested and burned in
with a GAIA Converter automated test
equipment.
Bi output model
: MGDBI-10-
2:1 Standard Input
Single & Bi Outputs
Metallic case - 1.500 VDC Isolation


Similar Part No. - MGDBI-10-I-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDBI-10-I-F ETC1-MGDBI-10-I-F Datasheet
165Kb / 9P
   2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation
More results

Similar Description - MGDBI-10-I-F

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
Advantech Co., Ltd.
PWR-246E ADVANTECH-PWR-246E Datasheet
735Kb / 2P
   Industrial DC to DC Converter w/24 48VDC Power Input
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com