Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGDBI-10-I-F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MGDBI-10-I-F
Description  Industrial DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDBI-10-I-F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MGDBI-10-I-F Datasheet HTML 1Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 2Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDBI-10-I-F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For locations, phone, fax, E-Mail see back cover
3
Industrial
Grade
MGDI-10 Standard Input Series
Gaia Converter FC97-006.03/06 Revision M
©
5
3- Electrical Specifications
Data are valid at +25°C, unless otherwise specified.
Parameter
Conditions
Limit or
typical
Units
Single Output MGDSI- 10
10 - C
10 - I
Input
Nominal input voltage
Full temperature range
Nominal
VDC
5
24
Permanent input
voltage range (Ui)
Full temperature range
Min. - Max.
VDC
4,5- 5,5
18- 36
Undervoltage lock-out
(UVLO)
turn-on/turn-off threshold
Minimum
Maximum
VDC
VDC
4
4,5
16
17,5
Start up time
Ui nominal
Nominal output
Full load : resistive
Maximum
ms
30
30
Reflected ripple current
Ui nominal, full load at switching freq. BW =
20MHz
Decoupling capacitor 10µF
Maximum
mApp
50
30
Input current in short
circuit mode (Average)
Ui nominal
Short-circuit
Maximum
mA
50
30
No load input current
Ui nominal
No load
Maximum
mA
50
30
Output
Output voltage *
Full temperature range
Ui min. to max.
75% load
Nominal
Nominal
Nominal
Nominal
VDC
VDC
VDC
VDC
3,3
5
12
15
3,3
5
12
15
Set Point accuracy
Ambient temperature : +25°c
Ui nominal, 75% load
Maximum
%
+/- 2
+/- 2
Output power
Full temperature range
Ui min. to max.
Maximum
W
10
10
Output current
3,3V output
5V output
12V output
15V output
Full temperature range
Ui min. to max.
Maximum
Maximum
Maximum
Maximum
A
A
A
A
2
2
0,80
0,65
2
2
0,80
0,65
Ripple output voltage **
3,3V and 5V output
12V output
15V output
Ui nominal
Full load
BW = 20MHz
Maximum
Maximum
Maximum
mVpp
mVpp
mVpp
50
100
150
50
100
150
Line regulation
Ui min. to max.
Full load
Maximum
%
+/- 1
+/- 1
Load regulation ***
Ui nominal
25% to full load
Maximum
%
+/- 2,5
+/- 2,5
Efficiency
Ui nominal
Full load
Typical
%
77
83
Maximum admissible
Capacity load
3,3V and 5V output
12V and 15V output
Ui nominal
Full load
Per output
Maximum
Maximum
µF
µF
1.000
330
1.000
330
Note * : For proper operation the MGDI-10 module requires to install a 22µF chemical or tantalum capacitance accross output terminals.
Note ** : The ripple output voltage is the periodic AC component imposed on the output voltage, an aperiodic and random component (noise) has also to be considered.
This noise can be reduced by adding an external capacitor (typically 10nF/rated voltage depending on isolation requirement) connected between the pin Gin and the
pin Gout of the converter. This capacitor should be layed-out as close as possible from the converter.
Note *** : For load regulation characteristics from 0% to full load, please contact factory.


Similar Part No. - MGDBI-10-I-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDBI-10-I-F ETC1-MGDBI-10-I-F Datasheet
165Kb / 9P
   2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation
More results

Similar Description - MGDBI-10-I-F

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
Advantech Co., Ltd.
PWR-246E ADVANTECH-PWR-246E Datasheet
735Kb / 2P
   Industrial DC to DC Converter w/24 48VDC Power Input
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com