Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT574TQCTE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # CY74FCT574TQCTE4
Description  8-BIT REGISTERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT574TQCTE4 Datasheet(HTML) 5 Page - Texas Instruments

  CY74FCT574TQCTE4 Datasheet HTML 1Page - Texas Instruments CY74FCT574TQCTE4 Datasheet HTML 2Page - Texas Instruments CY74FCT574TQCTE4 Datasheet HTML 3Page - Texas Instruments CY74FCT574TQCTE4 Datasheet HTML 4Page - Texas Instruments CY74FCT574TQCTE4 Datasheet HTML 5Page - Texas Instruments CY74FCT574TQCTE4 Datasheet HTML 6Page - Texas Instruments CY74FCT574TQCTE4 Datasheet HTML 7Page - Texas Instruments CY74FCT574TQCTE4 Datasheet HTML 8Page - Texas Instruments CY74FCT574TQCTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY54FCT574T, CY74FCT574T
8-BIT REGISTERS
WITH 3-STATE OUTPUTS
SCCS073 – OCTOBER 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
CY54FCT574T
CY74FCT574T
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
ICCD¶
VCC = 5.5 V, Outputs open,
One bit switching at 50% duty cycle, OE = GND,
VIN ≤ 0.2 V or VIN ≥ VCC – 0.2 V
0.06
0.12
mA/
ICCD¶
VCC = 5.25 V, Outputs open,
One bit switching at 50% duty cycle, OE = GND,
VIN ≤ 0.2 V or VIN ≥ VCC – 0.2 V
0.06
0.12
MHz
One bit
switching
at f1 = 5 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4
VCC = 5.5 V,
f0 = 10 MHz,
1
at 50% duty
cycle
VIN = 3.4 V or GND
1.2
3.4
0
,
Outputs open,
OE = GND
Eight bits
switching
at f1 = 2.5 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
1.6
3.2||
IC
1
at 50% duty
cycle
VIN = 3.4 V or GND
3.9
12.2||
mA
IC
One bit
switching
at f1 = 5 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
0.7
1.4
mA
VCC = 5.25 V,
f0 = 10 MHz,
1
at 50% duty
cycle
VIN = 3.4 V or GND
1.2
3.4
0
,
Outputs open,
OE = GND
Eight bits
switching
at f1 = 2.5 MHz
VIN ≤ 0.2 V or
VIN ≥ VCC – 0.2 V
1.6
3.2||
1
at 50% duty
cycle
VIN = 3.4 V or GND
3.9
12.2||
Ci
5
10
5
10
pF
Co
9
12
9
12
pF
† Typical values are at VCC = 5 V, TA = 25°C.
¶ This parameter is derived for use in total power-supply calculations.
# IC
= ICC + ∆ICC × DH × NT + ICCD (f0/2 + f1 × N1)
Where:
IC
= Total supply current
ICC
= Power-supply current with CMOS input levels
∆ICC = Power-supply current for a TTL high input (VIN = 3.4 V)
DH
= Duty cycle for TTL inputs high
NT
= Number of TTL inputs at DH
ICCD = Dynamic current caused by an input transition pair (HLH or LHL)
f0
= Clock frequency for registered devices, otherwise zero
f1
= Input signal frequency
N1
= Number of inputs changing at f1
All currents are in milliamperes and all frequencies are in megahertz.
|| Values for these conditions are examples of the ICC formula.


Similar Part No. - CY74FCT574TQCTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT574TQCTE4 TI-CY74FCT574TQCTE4 Datasheet
198Kb / 15P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY74FCT574TQCTE4 TI-CY74FCT574TQCTE4 Datasheet
320Kb / 14P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT574TQCTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT374T TI-CY54FCT374T Datasheet
198Kb / 15P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT374T TI-CY54FCT374T_08 Datasheet
320Kb / 14P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A_15 Datasheet
135Kb / 16P
   8-bit Shift Registers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV595A HITACHI-HD74LV595A Datasheet
82Kb / 19P
   8-bit Shift Registers with 3-state Outputs
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A Datasheet
109Kb / 14P
   8-bit Shift Registers with 3-state Outputs
logo
Advanced Micro Devices
AM25LS374A AMD-AM25LS374A Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
logo
Texas Instruments
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com