Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS302DL Datasheet(PDF) 8 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LIS302DL_07 Datasheet HTML 4Page - STMicroelectronics LIS302DL_07 Datasheet HTML 5Page - STMicroelectronics LIS302DL_07 Datasheet HTML 6Page - STMicroelectronics LIS302DL_07 Datasheet HTML 7Page - STMicroelectronics LIS302DL_07 Datasheet HTML 8Page - STMicroelectronics LIS302DL_07 Datasheet HTML 9Page - STMicroelectronics LIS302DL_07 Datasheet HTML 10Page - STMicroelectronics LIS302DL_07 Datasheet HTML 11Page - STMicroelectronics LIS302DL_07 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Block diagram and pin description
LIS302DL
8/42
1
Block diagram and pin description
1.1
Block diagram
Figure 1.
Block diagram
1.2
Pin description
Figure 2.
Pin connection
CHARGE
AMPLIFIER
MUX
Y+
Z+
Y-
Z-
a
X+
X-
I2C
SPI
CS
SCL/SPC
SDA/SDO/SDI
SDO
CONTROL LOGIC
&
INTERRUPT GEN.
INT 1
CLOCK
TRIMMING
CIRCUITS
REFERENCE
SELF TEST
CONTROL LOGIC
A/D
CONVERTER
INT 2
1
13
8
6
1
BOTTOM VIEW
13
8
6
TOP VIEW
X
Z
Y


Similar Part No. - LIS302DL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
   MEMS motion sensor 3-axis - 짹 2g/짹 8g smart digital output ?쐏iccolo??accelerometer
More results

Similar Description - LIS302DL_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS202DL STMICROELECTRONICS-LIS202DL Datasheet
332Kb / 36P
   MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output -nano-accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
   MEMS motion sensor 3-axis - 짹 2g/짹 8g smart digital output ?쐏iccolo??accelerometer
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
   MEMS motion sensor 3-axis - 짹2g analog output -piccolo- accelerometer
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
LIS302ALB STMICROELECTRONICS-LIS302ALB Datasheet
197Kb / 17P
   MEMS motion sensor 3-axis - 짹2g analog output piccolo accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com