Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS10A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54ALS10A
Description  TRIPLE 3-INPUT POSITIVE-NAND GATES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS10A Datasheet(HTML) 1 Page - Texas Instruments

  SN54ALS10A_08 Datasheet HTML 1Page - Texas Instruments SN54ALS10A_08 Datasheet HTML 2Page - Texas Instruments SN54ALS10A_08 Datasheet HTML 3Page - Texas Instruments SN54ALS10A_08 Datasheet HTML 4Page - Texas Instruments SN54ALS10A_08 Datasheet HTML 5Page - Texas Instruments SN54ALS10A_08 Datasheet HTML 6Page - Texas Instruments SN54ALS10A_08 Datasheet HTML 7Page - Texas Instruments SN54ALS10A_08 Datasheet HTML 8Page - Texas Instruments SN54ALS10A_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54ALS10A, SN54AS10, SN74ALS10A, SN74AS10
TRIPLE 3INPUT POSITIVENAND GATES
SDAS002B − MARCH 1984 − REVISED DECEMBER 1994
Copyright
1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These devices contain three independent 3-input
positive-NAND gates. They perform the Boolean
functions Y = A
• B • C or Y = A + B + C in positive
logic.
The
SN54ALS10A
and
SN54AS10
are
characterized for operation over the full military
temperature range of − 55
°C to 125°C. The
SN74ALS10A and SN74AS10 are characterized
for operation from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
OUTPUT
Y
H
H
H
L
L
XX
H
X
LX
H
X
X
L
H
logic symbol
logic diagram (positive logic)
&
1
1A
2
1B
13
1C
1Y
12
3
2A
4
2B
5
2C
2Y
6
9
3A
10
3B
11
3C
3Y
8
3B
1B
3A
3C
3Y
2A
2C
2Y
1Y
1C
1A
2B
1
2
13
3
4
5
9
10
11
12
6
8
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54ALS10A, SN54AS10 ...J PACKAGE
SN74ALS10A, SN74AS10 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3C
3B
3A
3Y
SN54ALS10A, SN54AS10 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y
NC
3C
NC
3B
2A
NC
2B
NC
2C
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54ALS10A_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS10AFK TI-SN54ALS10AFK Datasheet
95Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ALS10AJ TI-SN54ALS10AJ Datasheet
95Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ALS10AJ TI1-SN54ALS10AJ Datasheet
814Kb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ALS10A TI1-SN54ALS10A_15 Datasheet
814Kb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN54ALS10A_08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
   Triple 3-Input Positive NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
CD74ACT10 TI1-CD74ACT10_14 Datasheet
806Kb / 12P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54AC10 TI1-SN54AC10_15 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ACT10 TI1-SN54ACT10_15 Datasheet
1Mb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
54ACT11010 TI1-54ACT11010_09 Datasheet
80Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
SN5410 TI-SN5410 Datasheet
597Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Hitachi Semiconductor
HD74LV10A HITACHI-HD74LV10A Datasheet
54Kb / 12P
   Triple 3-input Positive NAND Gates
logo
Texas Instruments
SN54ALS10A TI-SN54ALS10A Datasheet
95Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com