Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC048B030T018TP Datasheet(PDF) 7 Page - Vicor Corporation

Part # DC048B030T018TP
Description  48 V Input DC-DC Converter Modules
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DC048B030T018TP Datasheet(HTML) 7 Page - Vicor Corporation

Back Button DC048B030T018TP Datasheet HTML 3Page - Vicor Corporation DC048B030T018TP Datasheet HTML 4Page - Vicor Corporation DC048B030T018TP Datasheet HTML 5Page - Vicor Corporation DC048B030T018TP Datasheet HTML 6Page - Vicor Corporation DC048B030T018TP Datasheet HTML 7Page - Vicor Corporation DC048B030T018TP Datasheet HTML 8Page - Vicor Corporation DC048B030T018TP Datasheet HTML 9Page - Vicor Corporation DC048B030T018TP Datasheet HTML 10Page - Vicor Corporation DC048B030T018TP Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
VI Brick / 48V Input DC-DC Converter Modules
vicorpower.com
Rev. 1.0
Page 7 of 21
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86
89
%
Nominal input; full load; 25°C
Ripple and noise
87
109
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
2.33
2.48
Volts
25°C; recycle input voltage to restart (1 minute off)
Dissipation, standby
5.5
7.6
Watts
No load
Load regulation
±0.6
±1.5
%
No load to full load; nominal input, deviation from setpoint
Output capacitance
27,000
µF
External
Load current
0
80
Amps
Current limit (peak)
86.4
92
104
Amps
Shut down, may require PC enable to initiate restart
Short circuit current (avg)
0
1.0
40
Amps
Shut down, may require PC enable to initiate restart
1.8 Vout, 144 W OPERATING SPECIFICATIONS - (e.g. DC048B018T014FP)
Power Dissipation vs. Output Current
Output Current (A)
36 V
48 V
75 V
Vin
4
6
8
10
12
14
16
18
20
0
8
16
24
32
40
48
56
64
72
80
Efficiency vs. Output Current
Output Current (A)
36 V
48 V
75 V
Vin
65
70
75
80
85
90
95
0
8
16
24
32
40
48
56
64
72
80
NL
Vin
Ripple vs. Output Current
Output Current (A)
0
10
20
30
40
50
60
70
80
90
100
0
20406080
Figure 4-4 – Transient response 100 – 50%, 3 x 4.7 µF ceramic bypass
capacitance
Figure 4-1 – Efficiency vs. load
Figure 4-5 – Transient response 50 – 100%, 3 x 4.7 µF ceramic bypass
capacitance
Figure 4-2 – Power dissipation vs. load
Figure 4-3 – Output ripple vs. load with no external bypass capacitance
Figure 4-6 – Output voltage ripple at nominal line and full load with no
external bypass capacitance.


Similar Part No. - DC048B030T018TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DC048B030T018FP VICOR-DC048B030T018FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
More results

Similar Description - DC048B030T018TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Texas Instruments
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4410 TI-PT4410 Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com