Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

026Y324R5A0C2D Datasheet(PDF) 1 Page - CTS Corporation

Part # 026Y324R5A0C2D
Description  Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

026Y324R5A0C2D Datasheet(HTML) 1 Page - CTS Corporation

  026Y324R5A0C2D Datasheet HTML 1Page - CTS Corporation 026Y324R5A0C2D Datasheet HTML 2Page - CTS Corporation 026Y324R5A0C2D Datasheet HTML 3Page - CTS Corporation 026Y324R5A0C2D Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
Industrial 15/16"
(24mm) Diameter,
5-Watt,Wirewound
Variable Resistors
Dust-proof construction
5-watt power rating
Superior resistance stability in temperature
and environment change
Tandem constructions available
Bushing or twist tab mounting
Available with pull-push and rotary
power switches
Excellent linearity performance
Electrical and Mechanical Specifications
Resistance Range
Linear : 1 ohm through 25K ohms
Resistance Tolerance
Standard : ± 10%
Special : Tighter tolerance available in most
resistance values
Power Rating
Voltage Rating
Bushing to Terminals:
High pot test, one minute -- 1,000 VAC
Operating maximum -- 500 VDC
Across End Terminals:
350 VDC maximum, load not to exceed
wattage rating.
Resistance Tapers
Standard: Linear or 20% audio
Special: Consult CTS
Linearity
Standard: 3% linearity
Power Switches
Rotary Pole-SPST, DPST & SPDT
Pull-Push Pole-SPST (Pull-ON, Push-OFF)
Rotational Angle
Mechanical Rotation:
Without switch: 300°±5°
With switch:
300°±5°
Effective Rotation:
Without switch: 280°±5°
With switch:
265°±5°
(continued on next page)
Audio : 20 ohms through 10K ohms
Features
• RoHS compliant
Special: Consult CTS
Water splash proof construction available
Operating Temperature
-30°C to +85°C
5 watts @25°C, 4 watts @ 55°C, derated to
no load at 105°C, linear taper
(Derating required on two section countols.)
Series 026
1 - 4
© 2006 CTS Corporation. All rights reserved. Information subject to change.
10/15/06
CTS Electronic Components
www.ctscorp.com
Rotational Torque:
Standard: 3/4 to 6 in. oz (54 - 432 gf-cm)
Special: higher torque models available, consult CTS


Similar Part No. - 026Y324R5A0C2D

ManufacturerPart #DatasheetDescription
logo
Lumberg
0260 LUMBERG-0260 Datasheet
317Kb / 3P
   Quicklock circular connectors, IP67
logo
Molex Electronics Ltd.
0260010301 MOLEX4-0260010301 Datasheet
175Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper - 24 AWG, Solid Tinned, 3Circuits, Kinked Tails, 0.025m (1.00") Length
0260010301 MOLEX1-0260010301_17 Datasheet
33Kb / 1P
   2.54mm Pitch Board-to-Board Ribbon Cable Jumper - 24 AWG, Solid Tinned, 3 circuits
0260010302 MOLEX4-0260010302 Datasheet
175Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper - 24 AWG, Solid Tinned,3Circuits, Kinked Tails, 0.051m (2.00") Length
0260010302 MOLEX1-0260010302_17 Datasheet
33Kb / 1P
   2.54mm Pitch Board-to-Board Ribbon Cable Jumper - 24 AWG, Solid Tinned, 3 circuits
More results

Similar Description - 026Y324R5A0C2D

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
   Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
118GA332R103B1 CTS-118GA332R103B1 Datasheet
547Kb / 2P
   Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
logo
Ohmite Mfg. Co.
RWSERIES OHMITE-RWSERIES Datasheet
224Kb / 2P
   High Power SMD Wirewound Resistors 5 and 7 watt
logo
Bi technologies
BR10KT1L.5XX BITECH-BR10KT1L.5XX Datasheet
88Kb / 3P
   3-5/16 Diameter Multiturn Wirewound Precision Potentiometer
logo
TOCOSAMERICA, INC.
RV24 TOCOS-RV24 Datasheet
711Kb / 7P
   24mm Diameter, Single-Turn, Carbon Industrial Panel Controls
logo
CTS Corporation
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com