Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2422-200 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2422-200
Description  TRIAXIAL ANALOG ACCELEROMETER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2422-200 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2422-200 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2422-200 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2422-200 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Designs, Inc.
! 1445-NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 1]
May 07
ACTUAL SIZE
ORDERING INFORMATION
Full Scale
Acceleration
Model
Number
±
2 g
2422-002
±
5 g
2422-005
± 10 g
2422-010
± 25 g
2422-025
± 50 g
2422-050
±100 g
2422-100
±200 g
2422-200
±400 g
2422-400
APPLICATIONS
VIBRATION MONITORING
VIBRATION ANALYSIS
MACHINE CONTROL
MODAL ANALYSIS
ROBOTICS
CRASH TESTING
INSTRUMENTATION
ROTATING MACHINERY CONTROL
SILICON DESIGNS, INC
Model 2422
TRIAXIAL ANALOG ACCELEROMETER MODULE
!
!
!
! 3 Axis Acceleration Sensing
!
!
!
! Capacitive Micromachined
!
!
!
! Nitrogen Damped
!
!
!
! ±4V Differential or +4V Single Ended Outputs
!
!
!
! Low Power Consumption
!
!
!
! -55 to +125EEEEC Operation
!
!
!
! +5 V DC Power
!
!
!
! 8 Wire Connection
!
!
!
! Responds to DC & AC Acceleration
!
!
!
! Non Standard Ranges Available
!
!
!
! Rugged Anodized Aluminum Module
!
!
!
! Fully Calibrated
DESCRIPTION
The Model 2422 triaxial accelerometer module combines three orthogonally
mounted model 1210 integrated accelerometers in a rugged case for measuring
accelerations in commercial/industrial environments. It is tailored for zero to
medium frequency instrumentation applications. The anodized aluminum case
is epoxy sealed and is easily mounted via two #8 (or M4) screws. It is relatively
insensitive to temperature changes and gradients. An optional initial calibration
sheet (2422-CAL) and periodic calibration checking are also available.
OPERATION
The Model 2422 produces three differential analog
output voltage pairs (AON & AOP) which vary with
acceleration as shown in the figure (at right). The
outputs can be used in differential mode or single
ended, referenced to halfway between VDD and GND.
The output scale factor is ratiometric to the applied
VDD
voltage and at zero acceleration, both AON & AOP
are equal to halfway between VDD and GND. The "Z"
axis is perpendicular to the bottom of the package,
with positive acceleration defined as a force pushing
on the bottom of the package. The "X" and "Y" axis
directions are marked on the cover with positive
acceleration defined as acceleration in the direction
of the axis arrow.
SIGNALS
+5V:
(Power)
reddish brown wire
GND:
(Ground)
black wire
AOPX: (Output)
green wire . . . . . . . X-Axis
positive output.
AONX: (Output)
white wire . . . . . . . X-Axis negative output.
AOPY: (Output)
light brown wire . . . Y-Axis
positive output.
AONY: (Output)
orange wire . . . . . . Y-Axis negative output.
AOPZ: (Output)
light blue wire . . . . Z-Axis
positive output.
AONZ: (Output)
yellow wire . . . . . . Z-Axis negative output.


Similar Part No. - 2422-200

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
2422 YANTEL-2422 Datasheet
75Kb / 2P
   Variable RF Inductor
logo
Heyco.
2422 HEYCO-2422 Datasheet
105Kb / 1P
   Universal Bushings
logo
C&D Technologies
24220 CANDD-24220 Datasheet
100Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
24220C MURATA-24220C Datasheet
170Kb / 4P
   Bobbin Wound Surface Mount Inductors
logo
C&D Technologies
24221 CANDD-24221 Datasheet
100Kb / 2P
   Bobbin Wound Surface Mount Inductors
More results

Similar Description - 2422-200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
2440-002 ETC2-2440-002 Datasheet
470Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
   Triaxial Analog Accelerometer
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
2412-005 ETC2-2412-005 Datasheet
156Kb / 2P
   ANALOG OPEN FRAME TRIAXIAL ACCELEROMETER
logo
TE Connectivity Ltd
834M1 TEC-834M1 Datasheet
165Kb / 3P
   Triaxial Piezoelectric Accelerometer
832M1 TEC-832M1 Datasheet
168Kb / 3P
   Triaxial Piezoelectric Accelerometer
logo
List of Unclassifed Man...
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
   ANALOG ACCELEROMETER MODULE
2220-002 ETC2-2220-002 Datasheet
416Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com