Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2220-005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2220-005
Description  ANALOG ACCELEROMETER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2220-005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2220-005 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2220-005 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2220-005 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Designs, Inc.
! 1445-NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 1]
Jun 07
ORDERING INFORMATION
Full Scale
Acceleration
Model
Number
± 2 g
2220-002
± 5 g
2220-005
± 10 g
2220-010
± 25 g
2220-025
± 50 g
2220-050
±100 g
2220-100
±200 g
2220-200
SILICON DESIGNS, INC
Model 2220
ANALOG ACCELEROMETER MODULE
!
!
!
! Capacitive Micromachined
!
!
!
! Nitrogen Damped
!
!
!
! ±4V Differential Output or
0.5V to 4.5V Single Ended Output
!
!
!
! Fully Calibrated
!
!
!
! Low Power Consumption
!
!
!
! -55 to +125EEEEC Operation
!
!
!
! +9 to +32V DC Power
!
!
!
! Simple Four Wire Connection
!
!
!
! Low Impedance Outputs Will Drive
Up To 15 Meters of Cable
!
!
!
! Responds to DC and AC Acceleration
!
!
!
! Non Standard g Ranges Available
!
!
!
! Rugged Anodized Aluminum Module
!
!
!
! Low Noise
!
!
!
! Serialized for Traceability
DESCRIPTION
The model 2220 accelerometer is a higher performance and wider temperature range version of the model 2210.
This rugged module combines an integrated model 1221L accelerometer with high drive, low impedance buffering
for measuring acceleration in commercial/industrial environments. It is tailored for zero to medium frequency
instrumentation applications. The anodized aluminum case is epoxy sealed and is easily mounted via two #4 (or M3)
screws. On-board regulation is provided to minimize the effects of supply voltage variation. It is relatively insensitive
to temperature changes and gradients. The cable’s shield is electrically connected to the case while the ground (GND)
wire is isolated from the case. An initial calibration sheet (2220-CAL) is included and periodic calibration checking is
available.
OPERATION
The Model 2220 accelerometer module produces two analog voltage outputs which vary with acceleration as shown
in the graph on the next page. The sensitive axis is perpendicular to the bottom of the package, with positive
acceleration defined as a force pushing on the bottom of the package. The signal outputs are fully differential about
a common mode voltage of approximately 2.5 volts. The output scale factor is independent from the supply voltage
of +9 to +32 volts. At zero acceleration the output differential voltage is nominally 0 volts DC; at ±full scale
acceleration the output differential voltage is ±4 volts DC respectively.
APPLICATIONS
! FLIGHT TESTS
! VIBRATION MONITORING
! VIBRATION ANALYSIS
! MACHINE CONTROL
! MODAL ANALYSIS
! ROBOTICS
! CRASH TESTING
! INSTRUMENTATION


Similar Part No. - 2220-005

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
2220-30-1 TEKTRONIX-2220-30-1 Datasheet
741Kb / 4P
   Multi-Channel USB and USB/GPIB Programmable DC Power Supplies
logo
Bourns Electronic Solut...
2220-RC BOURNS-2220-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2220-RC BOURNS-2220-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2220-RC BOURNS-2220-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2220-RC BOURNS-2220-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results

Similar Description - 2220-005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2264-005 ETC2-2264-005 Datasheet
746Kb / 2P
   ANALOG ACCELEROMETER MODULE
2260-002 ETC2-2260-002 Datasheet
646Kb / 3P
   ANALOG ACCELEROMETER MODULE
2012-002 ETC2-2012-002 Datasheet
717Kb / 3P
   ANALOG ACCELEROMETER MODULE
2440-002 ETC2-2440-002 Datasheet
470Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
2422-002 ETC2-2422-002 Datasheet
549Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
1210L-005 ETC2-1210L-005 Datasheet
942Kb / 6P
   ANALOG ACCELEROMETER
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
   Triaxial Analog Accelerometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com