Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2264-200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2264-200
Description  ANALOG ACCELEROMETER MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2264-200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2264-200 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2264-200 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
P-cap IS A REGISTERED TRADEMARK OF SILICON DESIGNS, INC.
Silicon Designs, Inc.
! 1445-NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 2]
Apr 07
P-Cap
TM Model 2264
Analog Accelerometer Module
SIGNAL DESCRIPTIONS (28 gauge wires + shield)
Power: +Exc (Red) and -Exc (Black): +Exc (+3 to +11 VDC)
and -Exc (-3 to -11 VDC).
+Out (Green) and -Out (White): +Out minus -Out voltage is
proportional to acceleration; +Out voltage increases and -Out
decreases with positive acceleration. At zero acceleration both
outputs are nominally equal to mid-way between the +Exc and
the -Exc values. The device experiences positive (+1g)
acceleration with its lid (part number) facing up in the Earth’s
gravitational field. Either output can be used individually or the
two outputs can be used differentially. (See output response
plot below)
PERFORMANCE
- By Model: +Exc=+5, -Exc=-5VDC, T
C=25
EC
MODEL NUMBER
2264-005
2264-010
2264-025
2264-050
2264-100
2264-200
UNITS
Input Range
±5
±10
±25
±50
±100
+/-200
g
Frequency Response (Nominal, -3 dB)
0 - 600
0 - 1000
0 - 1500
0 - 2000
0 - 2500
0 - 3000
Hz
Sensitivity, Differential
100
50
20
10
5
2.5
mV/g
Output Noise, Differential (RMS, typical)
9
10
25
50
100
200
µ
g/(root Hz)
Max. Mechanical Shock (0.1 ms)
2000
g
PERFORMANCE
- All Models: Unless otherwise specified, +Exc=+5, -Exc=-5VDC, T
C=25
EC, Differential Mode.
PARAMETER
MIN
TYP
MAX
UNITS
Cross Axis Sensitivity
2
3
%
Bias Calibration Error
5
% of span
Bias Temperature Shift (T
C= -40 to +80EC)
50
200
(ppm of span)/
EC
Sensitivity Calibration Error
2
2
5
%
Sensitivity Temperature Shift (T
C= -40 to +80EC)
-250
0
+250
ppm/
EC
Non-Linearity
(-90 to +90% of Full Scale)
1, 2
-005 thru -050
0.15
0.5
% of span
-100
0.25
1.0
-200
0.40
1.5
Sensitivity Change with Excitation Voltage (6-22 volts)
0.1
0.3
%
Small Signal Differential Output Impedance
1225
Output Common Mode Voltage
-0.25
0
+0.25
VDC
Operating Voltage (+Exc/-Exc)
3
±3
±5
±11
VDC
Operating Current (+Out and -Out open)
10
13
mA DC
Change in Operating Current to Excitation Voltage
0.25
mA/volt
Shunt Calibration Sensitivity
600
612
624
µV/µA
Mass (not including cable)
6
grams
Cable Mass
14
grams/meter
Note 1: 100g versions and above are tested from -65g to +65g.
Note 3: Voltage between +Exc and -Exc must not exceed 24V.
Note 2: Tighter tolerances available upon request.


Similar Part No. - 2264-200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2264-2 ETC2-2264-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
2264-2 ETC2-2264-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
2264-2 ETC2-2264-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
More results

Similar Description - 2264-200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
   ANALOG ACCELEROMETER MODULE
2220-002 ETC2-2220-002 Datasheet
416Kb / 3P
   ANALOG ACCELEROMETER MODULE
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
   ANALOG ACCELEROMETER MODULE
2260-002 ETC2-2260-002 Datasheet
646Kb / 3P
   ANALOG ACCELEROMETER MODULE
2012-002 ETC2-2012-002 Datasheet
717Kb / 3P
   ANALOG ACCELEROMETER MODULE
2440-002 ETC2-2440-002 Datasheet
470Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
2430-002 ETC2-2430-002 Datasheet
519Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
2422-002 ETC2-2422-002 Datasheet
549Kb / 3P
   TRIAXIAL ANALOG ACCELEROMETER MODULE
1210L-005 ETC2-1210L-005 Datasheet
942Kb / 6P
   ANALOG ACCELEROMETER
logo
API Delevan
XL203A API-XL203A Datasheet
751Kb / 2P
   Triaxial Analog Accelerometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com