Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1010L-005 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 1010L-005
Description  DIGITAL ACCELEROMETER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1010L-005 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  1010L-005 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1010L-005 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1010L-005 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1010L-005 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1010L-005 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1010L-005 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1010L-005 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1010L-005 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1010L-005 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Silicon Designs, Inc. ! 1445 NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 9]
Mar 07
THRESHOLD DETECTION CIRCUIT
APPLICATION NOTE
Model 1010 Digital Accelerometer
ACCELERATION THRESHOLD DETECTION:
For applications where it is desired to know when acceleration has exceeded a threshold value, the simple circuit shown
in the schematic (below) can be used. This circuit uses a 74HC161 synchronous binary counter to detect when the DIR
logic output goes high for a minimum of 16 clock cycles in a row. The 74HC74 D-type flip/flop is connected in a "ones-
catch" configuration so that once the threshold is exceeded, the flip/flop stores the event. The clear input sets the counter
value to zero and clears the flip/flop, making the circuit ready to detect the next 16 ones in a row sequence. When driven
by the DIR (true) output, this circuit provides a threshold of approximately 7/8ths of full scale (+43.75g for a ±50g device).
Negative acceleration pulses can be detected by connecting the counter to DIR
___
instead of DIR.


Similar Part No. - 1010L-005

ManufacturerPart #DatasheetDescription
logo
THOR communications
1010 THOR-1010 Datasheet
73Kb / 1P
   Dead Blow Nylon Hammers
logo
JDS Uniphase Corporatio...
1010-00-0340 JDSU-1010-00-0340 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1010-00-0340 JDSU-1010-00-0340 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
1010-00-0470 JDSU-1010-00-0470 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1010-00-0471 JDSU-1010-00-0471 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
More results

Similar Description - 1010L-005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
logo
List of Unclassifed Man...
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com