Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

316UYUGW-S879 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 316UYUGW-S879
Description  4.7 mm BI-COLOR (MULTI-COLOR) WITHOUT COMMON POLARITY LEDs,T-1
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

316UYUGW-S879 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  316UYUGW-S879 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 316UYUGW-S879 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 316UYUGW-S879 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 316UYUGW-S879 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 316UYUGW-S879 Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
  
 



     





;
(! & !!0#0
2
9%
)% #% 

0 -, 
/*(/C
1

/ (# D%
)0 +3==
/
"3/


D E8=
+
)* % ,(
F
5/
"3/

 =
D E=

)& (/& 
F
5/
"3/

 =
!
D&)* % /% 
)0 =
D/
"3/


$)* % /% 
)0 =
D/
"3/

3
2* %'
9'>+1
D/
"3/

"
D&)* % D&
D#%,
8=8GD
D/
"3/




Similar Part No. - 316UYUGW-S879

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
316 ETC2-316 Datasheet
64Kb / 1P
   Milli-Amp AC/DC Clamp Meter
logo
EDAC, All Rights Reserv...
316-006-400-101 EDAC-316-006-400-101 Datasheet
120Kb / 2P
   316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-006-400-101 EDAC-316-006-400-101 Datasheet
478Kb / 3P
   316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-006-400-102 EDAC-316-006-400-102 Datasheet
121Kb / 2P
   316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
316-006-400-102 EDAC-316-006-400-102 Datasheet
478Kb / 3P
   316 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | Short Card Slot | 0.460" (11.68mm) Insulator Height
More results

Similar Description - 316UYUGW-S879

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
209EGW ETC-209EGW Datasheet
117Kb / 5P
   3.0MM BI - COLOR (MULTI-COLOR) WITH COMMON CATHODE LEDS T-1
logo
Everlight Electronics C...
67-22VRVGC-TR8 EVERLIGHT-67-22VRVGC-TR8 Datasheet
194Kb / 10P
   Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
   Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5 EVERLIGHT-67-22UYSYGC-S530-A5 Datasheet
190Kb / 11P
   Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
   Bi-Color (Multi-Color) Top LEDs
339-1SURSYGW-S530-A2 EVERLIGHT-339-1SURSYGW-S530-A2 Datasheet
117Kb / 5P
   5.0mm Bi-Color (Multi-Color) With common Cathode(0.1 Lead Pitch) LEDs, T-1 3/4
19-22SURSYGC EVERLIGHT-19-22SURSYGC Datasheet
177Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
19-226-R6GHC-A03-2T TO-GRACE-19-226-R6GHC-A03-2T Datasheet
981Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
67-22UYOSYGC-S530-A3-E2 EVERLIGHT-67-22UYOSYGC-S530-A3-E2 Datasheet
242Kb / 10P
   Bi-Color (Multi-Color) Top View LEDs
67-22SURSYGC-S530-A2-TR8 EVERLIGHT-67-22SURSYGC-S530-A2-TR8 Datasheet
184Kb / 10P
   Bi-Color (Multi-Color) Top View LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com