Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1010J-010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1010J-010
Description  DIGITAL ACCELEROMETER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1010J-010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1010J-010 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1010J-010 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Silicon Designs, Inc. ! 1445 NW Mall Street, Issaquah, WA 98027-5344 ! Phone: 425-391-8329 ! Fax: 425-391-0446
web site: www.silicondesigns.com
[page 1]
Mar 07
SILICON DESIGNS, INC
Model 1010
DIGITAL ACCELEROMETER
!
!
!
! SENSOR: Capacitive Micromachined
Nitrogen Damped
Hermetically Sealed
!
!
!
! Digital Pulse Density Output
!
!
!
! Fully Calibrated
!
!
!
! Responds to DC & AC Acceleration
!
!
!
! -55 to +125 EEEEC Operation
!
!
!
! +5 VDC, 2 mA Power (typical)
!
!
!
! Non-Standard g Ranges Available
!
!
!
! Integrated Sensor & Amplifier
!
!
!
! LCC or J-Lead Surface
Mount Package
!
!
!
! Serialized for Traceability
!
!
!
! TTL/CMOS Compatible
!
!
!
! No External Reference Voltage
!
!
!
! Easy Interface to Microprocessors
!
!
!
! Good EMI Resistance
!
!
!
! RoHS Compliant
DESCRIPTION
ORDERING INFORMATION
Full Scale
Acceleration
Hermetic Packages
20 pin LCC
20 pin JLCC
±2 g
1010L-002
1010J-002
±5 g
1010L-005
1010J-005
±10 g
1010L-010
1010J-010
±25 g
1010L-025
1010J-025
±50 g
1010L-050
1010J-050
±100 g
1010L-100
1010J-100
±200 g
1010L-200
1010J-200
The Model 1010 is a low-cost, integrated accelerometer for use in zero to medium frequency instrumentation
applications. Each miniature, hermetically sealed package combines a micro-machined capacitive sense element
and a custom integrated circuit that includes a sense amplifier and sigma-delta A/D converter. It is relatively
insensitive to temperature changes and gradients. Each device is marked with a serial number on its bottom surface
for traceability. An optional calibration test sheet (1010-TST) is also available which lists the measured bias, scale
factor, linearity, operating current and frequency response.
OPERATION
The Model 1010 produces a digital pulse train in which the density of pulses (number of pulses per second) is
proportional to applied acceleration. It requires a single +5 volt power supply and a TTL/CMOS level clock of 100kHz-
1MHz. The output is ratiometric to the clock frequency and independent of the power supply voltage. Two forms of
digital signals are provided for direct interfacing to a microprocessor or counter. The sensitive axis is perpendicular
to the bottom of the package, with positive acceleration defined as a force pushing on the bottom of the package.
External digital line drivers can be used to drive long cables or when used in an electrically noisy environment.
APPLICATIONS
COMMERCIAL
! Automotive
Air Bags
Active Suspension
Adaptive Brakes
Security Systems
! Shipping Recorders
! Appliances
INDUSTRIAL
! Vibration Monitoring
! Vibration Analysis
! Machine Control
! Modal Analysis
! Robotics
! Crash Testing
! Instrumentation


Similar Part No. - 1010J-010

ManufacturerPart #DatasheetDescription
logo
THOR communications
1010 THOR-1010 Datasheet
73Kb / 1P
   Dead Blow Nylon Hammers
logo
JDS Uniphase Corporatio...
1010-00-0340 JDSU-1010-00-0340 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1010-00-0340 JDSU-1010-00-0340 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
1010-00-0470 JDSU-1010-00-0470 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1010-00-0471 JDSU-1010-00-0471 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
More results

Similar Description - 1010J-010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
logo
List of Unclassifed Man...
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com