Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

303 Datasheet(PDF) 2 Page - CTS Corporation

Part # 303
Description  Miniature 3 mm surface mount chip-type cermet trimmer potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

303 Datasheet(HTML) 2 Page - CTS Corporation

  303 Datasheet HTML 1Page - CTS Corporation 303 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order From:
CTS CORPORATION, RESISTOR / ELECTROCOMPONENTS / 406 Parr Road / Berne, IN 46711
PHONE: (260) 589-3111 / FAX: (260) 589-3243
http://www.ctscorp.com
CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20
Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Republic of China
PHONE: (07) 8216145 / FAX: 8417642.8110040
2.5M-6-03I
Ordering Information
Type 303U - Knob parallel to printed circuit board
Example of part number: 303UC202E
Dimensions: mm


Similar Part No. - 303

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
303 DBLECTRO-303 Datasheet
310Kb / 1P
   SCREW TYPE SERIES
logo
Energizer
303 ENERGIZER-303 Datasheet
73Kb / 1P
   Silver Oxide Batteries
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
   Clamp Meter
logo
Enercon Technologies Eu...
303 ENERCON-303 Datasheet
820Kb / 3P
   IP 68 Military Rugged USB 3. Gen1 advanced featured Smart HUB
October 24, 2021
logo
DB Lectro Inc
303-021-1002-0000 DBLECTRO-303-021-1002-0000 Datasheet
310Kb / 1P
   SCREW TYPE SERIES
More results

Similar Description - 303

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E01340A HOKURIKU-E01340A Datasheet
1Mb / 4P
   Chip Type Cermet Trimmer Potentiometer
logo
CTS Corporation
307 CTS-307 Datasheet
241Kb / 2P
   Commercial miniature 6 mm cermet trimmer potentiometer
306 CTS-306 Datasheet
228Kb / 2P
   Commercial miniature 6 mm square cermet trimmer potentiometer
logo
Vishay Siliconix
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
Revision: 31-Jan-17
TS3 VISHAY-TS3_V01 Datasheet
114Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
01-Jan-2022
T7 VISHAY-T7_13 Datasheet
104Kb / 5P
   7 mm Diameter Miniature Cermet Trimmer
Revision: 05-Aug-13
logo
Bi technologies
22AR10KLFTR BITECH-22AR10KLFTR Datasheet
171Kb / 3P
   3 mm Single Turn Sealed Surface Mount Cermet Trimming Potentiometer
logo
Suntan Capacitors
TSR-3269 SUNTAN-TSR-3269_17 Datasheet
267Kb / 1P
   Cermet-Ceramic Trimmer Potentiometer ??3269
logo
Vishay Siliconix
T53Y VISHAY-T53Y Datasheet
106Kb / 4P
   Miniature Trimmer Single-Turn Cermet
Revision: 21-Jun-06
T7YA474MB40 VISHAY-T7YA474MB40 Datasheet
94Kb / 5P
   7 mm Diameter Miniature Single-Turn Cermet Trimmer
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com