Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

767143100JPSP Datasheet(PDF) 5 Page - CTS Corporation

Part # 767143100JPSP
Description  Leaded Surface Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

767143100JPSP Datasheet(HTML) 5 Page - CTS Corporation

  767143100JPSP Datasheet HTML 1Page - CTS Corporation 767143100JPSP Datasheet HTML 2Page - CTS Corporation 767143100JPSP Datasheet HTML 3Page - CTS Corporation 767143100JPSP Datasheet HTML 4Page - CTS Corporation 767143100JPSP Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5
January 2008
CTS Electronic Components
Leaded Surface Mount 767 Series
www.ctscorp.com
Packaging
Environmental Performance Specifications
Test
Max. %
Delta R
Mil. Std.
202 Method
Test Cond.
Test Description
Thermal Cycling
0.25%
107
B
5 cycles, -65°C to +125°C
Short Time Overload
0.25%
2 1/2 x rated voltage, 5 sec (100V Max.)
Moisture Resistance
0.5%
106
240 hours, 0.1 rated load, -10°C to +65°C, 90% RH
Load Humidity
1.0%
1000 hours, 0.1 rated load, 70°C, 85-92% RH
High Temp Exposure
1.0%
240 hours, no load, @ 125°C
Load Life
1.0%
108
F
2000 hours @ 70°C rated load
Resistance to Solder Heat
0.25%
30 seconds @ 218°C, dwell
Mechanical Shock
0.25%
213
I
100g, 1 msec., 3 shocks each plane
Vibration
0.25%
204
D
20g, 10-2000Hz, 4 hours/plane
Terminal Strength
0.25%
0.9 Kg. Pull, 30 sec., two 45° bends
Low Temp Storage
0.25%
24 hours @ -65°C, no load
Low Temp Operation
0.25%
45 min @ -65°C, full load
Flammability
N/A
94V-0
Non-Fungus
Pass
per MIL-STD 810C
Resistance to Solvents
Pass
Isopropyl alcohol
Solderability
Pass
RMA Flux, 230°C, 5 seconds dip, 95% coverage
Tape & Reel
14P
16P
Tape width
24mm
24mm
Tape pitch
12mm
12mm
Reel diameter
13"
13"
#parts/reel
2,000
2,000
Slide Packs
Tube length
20"
20"
#parts/slide pac
48
43


Similar Part No. - 767143100JPSP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
767143101GP CTS-767143101GP Datasheet
93Kb / 4P
   Medium Body Design
More results

Similar Description - 767143100JPSP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
768 CTS-768 Datasheet
147Kb / 5P
   Leaded Surface Mount
766 CTS-766 Datasheet
140Kb / 5P
   Leaded Surface Mount
logo
Rhombus Industries Inc.
L-15358 RHOMBUS-IND-L-15358 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15373 RHOMBUS-IND-L-15373 Datasheet
18Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15338 RHOMBUS-IND-L-15338 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15350 RHOMBUS-IND-L-15350 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15351 RHOMBUS-IND-L-15351 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15363 RHOMBUS-IND-L-15363 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15374 RHOMBUS-IND-L-15374 Datasheet
18Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15345 RHOMBUS-IND-L-15345 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com