Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC13A Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # 1.5SMC13A
Description  1500W Surface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1.5SMC13A Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  1.5SMC13A Datasheet HTML 1Page - TAITRON Components Incorporated 1.5SMC13A Datasheet HTML 2Page - TAITRON Components Incorporated 1.5SMC13A Datasheet HTML 3Page - TAITRON Components Incorporated 1.5SMC13A Datasheet HTML 4Page - TAITRON Components Incorporated 1.5SMC13A Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1500W Surface Mount Transient Voltage Suppressor
Rev. D/AH 2008-02-25
1.5SMC6.8A - 1.5SMC250CA
www.taitroncomponents.com
Page 3 of 5
Fig.1- Peak Pulse Power Rating Curve
Td - Pulse Width (sec.)
Fig.2- Pulse Derating Curve
TA - Ambient Temperature (°C)
Breakdown Voltage
@ Test Current.
Part NO.
Device Marking
Code
Reverse
Stand-off
Voltage
V BR
Max.
Clamping
Voltage
@
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM (V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
ID (
μA)
1.5SMC150A
1.5SMC150CA
150A
150C
128
143
158
1
207
7.3
1
1.5SMC160A
1.5SMC160CA
160A
160C
136
152
168
1
219
6.9
1
1.5SMC170A
1.5SMC170CA
170A
170C
145
162
179
1
234
6.5
1
1.5SMC180A
1.5SMC180CA
180A
180C
154
171
189
1
246
6.2
1
1.5SMC200A
1.5SMC200CA
200A
200C
171
190
210
1
274
5.5
1
1.5SMC220A
1.5SMC220CA
220A
220C
185
209
231
1
328
4.6
1
1.5SMC250A
1.5SMC250CA
250A
250C
214
237
263
1
344
4.4
1
Note:
For bi-directional type having VWM of 10V and less, the ID limit is double.
Typical Characteristics Curves


Similar Part No. - 1.5SMC13A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC13A CENTRAL-1.5SMC13A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Bourns Electronic Solut...
1.5SMC13A BOURNS-1.5SMC13A Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Nantong Hornby Electron...
1.5SMC13A HORNBY-1.5SMC13A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
MDE Semiconductor, Inc.
1.5SMC13A MDE-1.5SMC13A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1.5SMC13A VISHAY-1.5SMC13A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC13A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com