Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANC1212DW12 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # LANC1212DW12
Description  DC/DC Converter 9-18 VDC Input 짹12 VDC Output at 짹0.5A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC1212DW12 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  LANC1212DW12 Datasheet HTML 1Page - Wall Industries,Inc. LANC1212DW12 Datasheet HTML 2Page - Wall Industries,Inc. LANC1212DW12 Datasheet HTML 3Page - Wall Industries,Inc. LANC1212DW12 Datasheet HTML 4Page - Wall Industries,Inc. LANC1212DW12 Datasheet HTML 5Page - Wall Industries,Inc. LANC1212DW12 Datasheet HTML 6Page - Wall Industries,Inc. LANC1212DW12 Datasheet HTML 7Page - Wall Industries,Inc. LANC1212DW12 Datasheet HTML 8Page - Wall Industries,Inc. LANC1212DW12 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TECHNICAL DATASHEET
LANC1212DW12
(888) 597-WALL
www.wallindustries.com
Page 4 of 14
Input Source Impedance
The power module should be connected to a low impedance input source. Highly inductive source impedance
can affect the stability of the power module. Input external L-C filter is recommended to minimize input
reflected ripple current. The inductor is simulated source impedance of 12µH and capacitor is Nippon chemi-con
KZE series 47µF/100V. The capacitor must as close as possible to the input terminals of the power module for
lower impedance.
Thermal Consideration
The power module operates in a variety of thermal environments. However, sufficient cooling should be
provided to help ensure reliable operation of the unit. Heat is removed by conduction, convention, and radiation
to the surrounding environment. Proper cooling can be verified by measuring the point as the figure below. The
temperature at this location should not exceed 105°C. When operating, adequate cooling must be provided to
maintain the test point temperature at or below 105°C. Although the maximum point temperature of the power
modules is 105°C, you can limit this temperature to a lower value for extremely high reliability.
DESIGN CONSIDERATIONS:
Output Over Current Protection
When excessive output currents occur in the system, circuit protection is required on all power supplies.
Normally, overload current is maintained at approximately 150% of rated current for the LANCW12 dual output
series.
Fold back-mode is a method of operation in a power supply whose purpose is to protect the power supply from
being damaged during an over-current fault condition. It also enables the power supply to operate normally when
the fault is removed.
One of the problems resulting from over current is that excessive heat may be generated in power devices;
especially MOSFET and Schottky diodes and the temperature of those devices may exceed their specified limits.
A protection mechanism has to be used to prevent those power devices from being damaged.
The operation of fold back is as follows. When the current sense circuit sees an over-current event, the output
voltage of the module will be decreased for low power dissipation and decrease the heat of the module.
Figure 3
0.625 (15.9)
Measurement shown in inches and millimeters
Figure 2
TOP VIEW


Similar Part No. - LANC1212DW12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC1212DW12 WALL-LANC1212DW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
More results

Similar Description - LANC1212DW12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2412DW12 WALL-LANC2412DW12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.5A
LANC4812DW12 WALL-LANC4812DW12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹12 VDC Output at 짹0.5A
LANC1212DW8 WALL-LANC1212DW8 Datasheet
1Mb / 14P
   DC/DC Converter 9-18 VDC Input 짹12 VDC Output at 짹0.333A
LANC2412DW8 WALL-LANC2412DW8 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.333A
LANC1205DW8 WALL-LANC1205DW8 Datasheet
1Mb / 14P
   DC/DC Converter 9-18 VDC Input 짹5.0 VDC Output at 짹0.8A
LANC1215DW12 WALL-LANC1215DW12 Datasheet
916Kb / 14P
   DC/DC Converter 9-18 VDC Input 짹15 VDC Output at 짹0.4A
logo
List of Unclassifed Man...
LANC1225W12 ETC2-LANC1225W12 Datasheet
879Kb / 14P
   DC/DC Converter 9-18 VDC Input 2.5 VDC Output at 3.5A
logo
Wall Industries,Inc.
LANC123.3W12 WALL-LANC123.3W12 Datasheet
880Kb / 14P
   DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
LANC125.1W12 WALL-LANC125.1W12 Datasheet
889Kb / 14P
   DC/DC Converter 9-18 VDC Input 5.1 VDC Output at 2.4A
LANC1205DW12 WALL-LANC1205DW12 Datasheet
918Kb / 14P
   DC/DC Converter 9-18 VDC Input 짹5.0 VDC Output at 짹1.2A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com