Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

768145510JPSP Datasheet(PDF) 3 Page - CTS Corporation

Part # 768145510JPSP
Description  Leaded Surface Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

768145510JPSP Datasheet(HTML) 3 Page - CTS Corporation

  768145510JPSP Datasheet HTML 1Page - CTS Corporation 768145510JPSP Datasheet HTML 2Page - CTS Corporation 768145510JPSP Datasheet HTML 3Page - CTS Corporation 768145510JPSP Datasheet HTML 4Page - CTS Corporation 768145510JPSP Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
January 2008
CTS Electronic Components
Leaded Surface Mount Series 768
www.ctscorp.com
Standard Resistor Values & EIA Code
Dual Terminator Resistor Values
The Series 768 part number includes the EIA Code value of the Thevenin equivalent resistances of R1 and R2.
The Thevenin equivalent resistance is calculated in the following way: The suffix letter relates only to the
sequence of variations that equal the same equivalent resistance. Reference Thevenin Equivalent Resistance
Chart.
.Req=R1R2/(R1 + R2)
Example:
768205131C
R1=180 Ohms
R2=470 Ohms
Req=130 Ohms
Pin N/2 is common to R2 and Pin N is common to R1 on CTS Series 768.
Thevenin Equivalent Resistance Chart
(Cont.)
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
0
000X
68
680
470
471
3.3K
332
27K
273
220K
224
10
100
75
750
510
511
3.9K
392
33K
333
270K
274
12
120
82
820
560
561
4.7K
472
39K
393
330K
334
15
150
100
101
680
681
5.1K
512
47K
473
390K
394
18
180
110
111
820
821
5.6K
562
51K
513
470K
474
22
220
120
121
1K
102
6.8K
682
56K
563
510K
514
27
270
150
151
1.2K
122
8.2K
822
68K
683
560K
564
33
330
180
181
1.5K
152
10K
103
82K
823
680K
684
39
390
220
221
1.8K
182
12K
123
100K
104
820K
824
47
470
270
271
2.0K
202
15K
153
120K
124
1M
105
51
510
330
331
2.2K
222
18K
183
150K
154
56
560
390
391
2.7K
272
22K
223
180K
184
R1
R2
R1
R2
Ohms
Thevenin
Equivalent
CTS
Code
Ohms
Thevenin
Equivalent
CTS
Code
25
50
17 ohm
150A
110
220
73 ohm
730A
30
50
19 ohm
190A
118
178
71 ohm
710A
30
620
29 ohm
290A
120
200
75 ohm
750B
33
4.7K
33 ohm
330A
120
180
72 ohm
720A
36
620
34 ohm
340A
120
120
60 ohm
600B
43
620
40 ohm
400A
150
150
75 ohm
750A
68
189
50 ohm
500B
160
260
99 ohm
990A
75
620
67 ohm
670A
160
240
96 ohm
960A
80
220
59 ohm
590A
160
270
100 ohm
101D
81
130
50 ohm
500A
162
260
100 ohm
101B
81
2.2K
78 ohm
780A
180
300
113 ohm
111B
100
200
67 ohm
670B
180
470
130 ohm
131C
100
430
81 ohm
810A
180
390
123 ohm
121A
100
150
60 ohm
600A
180
270
108 ohm
111A
106
169
65 ohm
650A
180
220
99 ohm
101A


Similar Part No. - 768145510JPSP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
768145103DP CTS-768145103DP Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768145103DPTR13 CTS-768145103DPTR13 Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768145103FP CTS-768145103FP Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768145103FPTR13 CTS-768145103FPTR13 Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768145103GP CTS-768145103GP Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
More results

Similar Description - 768145510JPSP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
767 CTS-767 Datasheet
141Kb / 5P
   Leaded Surface Mount
766 CTS-766 Datasheet
140Kb / 5P
   Leaded Surface Mount
logo
Rhombus Industries Inc.
L-15358 RHOMBUS-IND-L-15358 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15373 RHOMBUS-IND-L-15373 Datasheet
18Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15338 RHOMBUS-IND-L-15338 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15350 RHOMBUS-IND-L-15350 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15351 RHOMBUS-IND-L-15351 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15363 RHOMBUS-IND-L-15363 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15374 RHOMBUS-IND-L-15374 Datasheet
18Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15345 RHOMBUS-IND-L-15345 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com