Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

768147510JPSP Datasheet(PDF) 1 Page - CTS Corporation

Part # 768147510JPSP
Description  Leaded Surface Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

768147510JPSP Datasheet(HTML) 1 Page - CTS Corporation

  768147510JPSP Datasheet HTML 1Page - CTS Corporation 768147510JPSP Datasheet HTML 2Page - CTS Corporation 768147510JPSP Datasheet HTML 3Page - CTS Corporation 768147510JPSP Datasheet HTML 4Page - CTS Corporation 768147510JPSP Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 of 5
January 2008
CTS Electronic Components
Leaded Surface Mount Series 768
www.ctscorp.com
Resistance Tolerance:
Resistance Range:
Standard: ±2% or 0.5Ω (whichever is greater)
Standard: 10Ω to 1 MegΩ
Special: ±0.25% or 0.3Ω (whichever is greater)
Operating Temperature Range:
Dielectric Strength:
-55°C to +125°C
100 VAC
Temperature Coefficient:
Maximum Operating Voltage:
Standard: 100Ω to 1 MegΩ
50V not to exceed rated power
100PPM/°C typical
10Ω to 99Ω
±200PPM/°C typical
Power Rating (Total Network Power):
14 Pin
16 Pin
20 Pin
@25°C
2.0w
2.3w
3.0w
@70°C
1.3w
1.5w
2.0w
Maximum Resistor Power:
(Not to Exceed Total Network Power)
Schematic
1
3
5
7
@25°C
0.15w
0.30w
0.15w
0.15w
@70°C
0.10w
0.20w
0.10w
0.10w
Features
• Medium Body Design
• Low Profile---Board to Network Clearance of
0.0075”±0.0025”
• Solid Ceramic Construction
• No Internal Dendrite Growth
• Conforms to EIA PDP-100 SOGN-0002
• Packaged in Tape & Reel or Slide Packs
• Application Specific Circuits Are Available
• Compatible With Reflow Solder Process
• RoHS Compliant
Leaded Surface Mount Series 768
Technical
Data


Similar Part No. - 768147510JPSP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
768147103DP CTS-768147103DP Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768147103DPTR13 CTS-768147103DPTR13 Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768147103FP CTS-768147103FP Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768147103FPTR13 CTS-768147103FPTR13 Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
768147103GP CTS-768147103GP Datasheet
389Kb / 7P
   Surface Mount Resistor Network
2017
More results

Similar Description - 768147510JPSP

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
767 CTS-767 Datasheet
141Kb / 5P
   Leaded Surface Mount
766 CTS-766 Datasheet
140Kb / 5P
   Leaded Surface Mount
logo
Rhombus Industries Inc.
L-15358 RHOMBUS-IND-L-15358 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15373 RHOMBUS-IND-L-15373 Datasheet
18Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15338 RHOMBUS-IND-L-15338 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15350 RHOMBUS-IND-L-15350 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15351 RHOMBUS-IND-L-15351 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15363 RHOMBUS-IND-L-15363 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15374 RHOMBUS-IND-L-15374 Datasheet
18Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15345 RHOMBUS-IND-L-15345 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com