Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06035C104M4T2A Datasheet(PDF) 2 Page - AVX Corporation

Part # 06035C104M4T2A
Description  Automotive MLCC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

06035C104M4T2A Datasheet(HTML) 2 Page - AVX Corporation

  06035C104M4T2A Datasheet HTML 1Page - AVX Corporation 06035C104M4T2A Datasheet HTML 2Page - AVX Corporation 06035C104M4T2A Datasheet HTML 3Page - AVX Corporation 06035C104M4T2A Datasheet HTML 4Page - AVX Corporation 06035C104M4T2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
36
FLEXITERM™ FEATURES
Automotive MLCC
NP0/X7R Dielectric
a) Bend Test
The capacitor is soldered to the PC Board as shown:
Typical bend test results are shown below:
Style
Conventional Term
Soft Term
0603
>2mm
>5
0805
>2mm
>5
1206
>2mm
>5
b) Temperature Cycle testing
“Soft Termination” has the ability to withstand at least
1000 cycles between –55°C and +125°C
1mm/sec
90 mm
ELECTRODE AND TERMINATION OPTIONS
X7R DIELECTRIC
NP0 DIELECTRIC
N
NP
P0
0 A
Ag
g//P
Pd
d E
Elle
ec
cttrro
od
de
e
N
Niic
ck
ke
ell B
Ba
arrrriie
err T
Te
errm
miin
na
attiio
on
n
P
PC
CB
B A
Ap
pp
plliic
ca
attiio
on
n
Figure 1 Termination Code T
X
X7
7R
R D
Diie
elle
ec
cttrriic
c
P
PC
CB
B A
Ap
pp
plliic
ca
attiio
on
n
Figure 2 Termination Code T
X
X7
7R
R N
Niic
ck
ke
ell E
Elle
ec
cttrro
od
de
e
S
So
offtt T
Te
errm
miin
na
attiio
on
n
P
PC
CB
B A
Ap
pp
plliic
ca
attiio
on
n
Figure 3 Termination Code Z
Sn
Ni
Ag
Cu
Epoxy
Ni
Sn
Ni
Sn
Ni
Cu
Ni
Cu
Termination
Conductive
Epoxy
Ni
C
Co
on
nd
du
uc
cttiiv
ve
e E
Ep
po
ox
xy
y T
Te
errm
miin
na
attiio
on
n
H
Hy
yb
brriid
d A
Ap
pp
plliic
ca
attiio
on
n
Figure 4 Termination Code U


Similar Part No. - 06035C104M4T2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035C104M4T2A AVX-06035C104M4T2A Datasheet
386Kb / 5P
   General Specifications
logo
Kyocera Kinseki Corpota...
06035C104M4T2A KSS-06035C104M4T2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
More results

Similar Description - 06035C104M4T2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12063F474K4T2A AVX-12063F474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12065C224K4T2A AVX-12065C224K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12101C105K4T2A AVX-12101C105K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
08053C474K4T2A AVX-08053C474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12061C103K4T2A AVX-12061C103K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
06035C333K4T2A AVX-06035C333K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
080555A104K4T2A AVX-080555A104K4T2A Datasheet
105Kb / 5P
   Automotive MLCC
06035A471J4T2A AVX-06035A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055A471J4T2A AVX-08055A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
06031C471K4T2A AVX-06031C471K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055C332K4T2A AVX-08055C332K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com