Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3820AMPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR3820AMPBF
Description  HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3820AMPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3820AMPBF Datasheet HTML 6Page - International Rectifier IR3820AMPBF Datasheet HTML 7Page - International Rectifier IR3820AMPBF Datasheet HTML 8Page - International Rectifier IR3820AMPBF Datasheet HTML 9Page - International Rectifier IR3820AMPBF Datasheet HTML 10Page - International Rectifier IR3820AMPBF Datasheet HTML 11Page - International Rectifier IR3820AMPBF Datasheet HTML 12Page - International Rectifier IR3820AMPBF Datasheet HTML 13Page - International Rectifier IR3820AMPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
01/08/08
10
PD-60330
IR3820AMPbF
Over-Current Protection
The over-current protection is performed by
sensing current through the R
DS(on) of the low
side MOSFET. This
method enhances
the
converter’s
efficiency
and
reduces
cost by
eliminating a current sense resistor. As shown in
figure 7, an external resistor (R
SET) is connected
between OCSet pin and the inductor point which
sets the current limit set point.
The internal current source develops a voltage
across R
SET. When the low side MOSFET is
turned on, the inductor current flows through the
Q2 and results a voltage which is given by:
The OCP circuit starts sampling current when the
low gate drive is about 3V. The OCSet pin is
internally clamped about 1.5V during on time of
high side gate to prevent false trigging, figure 9
shows the OCSet pin during one switching cycle.
As shown, there is about 150ns delay to mask
the dead time. Since this node contains switching
noises, this delay also functions as a filter.
Fig. 7: Connection of over current sensing resistor
Fig. 8: 3uA current source for discharging
soft-start capacitor during hiccup
An over-current is detected if the OCSet pin goes
below ground. This trips the OCP comparator
and cycles the soft start function in hiccup mode.
The hiccup is performed by charging and
discharging the soft-start capacitor in a certain
slope rate. As shown in figure 8 a 3uA current
source is used to discharge the soft-start
capacitor.
The OCP comparator resets after every soft start
cycle. The converter stays in this mode until the
overload
or
short
circuit
is
removed.
The
converter will automatically recover.
)
)
--(
I
(R
)
R
(I
V
L
DS(on)
OCSet
OCSet
OCSet
2
=
0
)
I
(R
)
R
(I
V
L
DS(on)
OCSet
OCSet
OCSet
=
=
)
3
--(
R
I
R
I
I
on
DS
OCSet
OCSet
critical
L
SET
)
(
)
(
=
=
Fig. 9: OCset pin during normal condition
Ch1: Inductor point, Ch3:OCSet
The value of R
SET should be checked in an actual
circuit to ensure that the over-current protection
circuit activates as expected. The IR3820A
current limit is designed primarily as disaster
preventing, and doesn't operate as a precision
current regulator.
The critical inductor current can be calculated by
setting:
I
OCSet*ROCSet
Blanking time
Deadtime
Clamp voltage


Similar Part No. - IR3820AMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3820AMPBF IRF-IR3820AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3820AMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3820AMPBF IRF-IR3820AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF_15 Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com