Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-JPI220 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST20-JPI220
Description  PC PARALLEL PORT TO JTAG INTERFACE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-JPI220 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST20-JPI220 Datasheet HTML 2Page - STMicroelectronics ST20-JPI220 Datasheet HTML 3Page - STMicroelectronics ST20-JPI220 Datasheet HTML 4Page - STMicroelectronics ST20-JPI220 Datasheet HTML 5Page - STMicroelectronics ST20-JPI220 Datasheet HTML 6Page - STMicroelectronics ST20-JPI220 Datasheet HTML 7Page - STMicroelectronics ST20-JPI220 Datasheet HTML 8Page - STMicroelectronics ST20-JPI220 Datasheet HTML 9Page - STMicroelectronics ST20-JPI220 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ST20-JPI
7/10
®
3.3
Differential Link Connection
The Differential OS-Link connector is used to connect the ST20-JPI to a B300 instead of a Parallel
port.
Table 3.1 26 way D-type connector
3.4
JTAG Connection
The JTAG connector is a 20 pin male IDC header. The following table shows the pinout of the
ST20-JPI and the pinout required for the target board:
Table 3.2 JTAG connector pinout
Pin
Description
Pin
Description
1
+notSSDownReset
14
GND
2
+notSSDownAnalyse
15
GND
3
+notSSDownError
16
GND
4
+notSSUpReset
17
GND
5
+notSSUpAnalyse
18
GND
6
+notSSUpError
19
-notSSDownReset
7
+LinkOut
20
-notSSDownAnalyse
8
+LinkIn
21
-notSSDownError
9
GND
22
-notSSUpReset
10
GND
23
-notSSUpAnalyse
11
GND
24
-notSSUpError
12
GND
25
-LinkOut
13
GND
26
-LinkIn
Pin Number
Host Connection
Target Connection
Even Numbers
GROUND
GROUND
1
Reserved
Do Not Wire
3
TrigIn
TrigOut
5
TrigOut
TrigIn
7
Reserved
Do Not Wire
9
TMS (Out)
TMS (In)
11
TCK (Out)
TCK (In)
13
TDO
TDI
15
TDI
TDO
17
notRST (Out)
notRST (In)
19
notTRST (Out)
notTRST (In)


Similar Part No. - ST20-JPI220

ManufacturerPart #DatasheetDescription
logo
RFE international
ST20-103 RFE-ST20-103 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-104 RFE-ST20-104 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-154 RFE-ST20-154 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-202 RFE-ST20-202 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-204 RFE-ST20-204 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
More results

Similar Description - ST20-JPI220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-PPI STMICROELECTRONICS-ST20-PPI Datasheet
58Kb / 6P
   PC PARALLEL PORT TO OS-LINK INTERFACE
logo
Analog Devices
CABLE-SMBUS-5PINZ AD-CABLE-SMBUS-5PINZ_15 Datasheet
130Kb / 4P
   Parallel Port to IC Interface Cables
CABLE-SMBUS-3PINZ AD-CABLE-SMBUS-3PINZ_15 Datasheet
130Kb / 4P
   Parallel Port to IC Interface Cables
logo
Altera Corporation
EP3C5E144C8N ALTERA-EP3C5E144C8N Datasheet
6Mb / 348P
   Ability to disable external JTAG port
logo
Texas Instruments
SN74LV8153-Q1 TI1-SN74LV8153-Q1 Datasheet
194Kb / 14P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
SN74LV8153 TI-SN74LV8153_08 Datasheet
385Kb / 16P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
SN74LV8153 TI-SN74LV8153 Datasheet
210Kb / 13P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
logo
List of Unclassifed Man...
SMC34C60 ETC1-SMC34C60 Datasheet
3Mb / 74P
   PARALLEL PORT INTERFACE CHIP-PERIPHERAL SIDE
OX12PCI840 ETC-OX12PCI840 Datasheet
541Kb / 32P
   Integrated Parallel Port and PCI interface
logo
SMSC Corporation
34C60 SMSC-34C60 Datasheet
350Kb / 58P
   PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com