Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

753121560JPTR7 Datasheet(PDF) 1 Page - CTS Corporation

Part # 753121560JPTR7
Description  Leadless Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

753121560JPTR7 Datasheet(HTML) 1 Page - CTS Corporation

  753121560JPTR7 Datasheet HTML 1Page - CTS Corporation 753121560JPTR7 Datasheet HTML 2Page - CTS Corporation 753121560JPTR7 Datasheet HTML 3Page - CTS Corporation 753121560JPTR7 Datasheet HTML 4Page - CTS Corporation 753121560JPTR7 Datasheet HTML 5Page - CTS Corporation 753121560JPTR7 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
January 2007
CTS Electronic Components
www.ctscorp.com
Features
• High Density Packaging
• Low Profile
• Inputs/Outputs Available:
Single Row Terminations (SRT) – 8, 9, 10, 12
Dual Row Terminations (DRT) – 16, 18, 20, 24
• Nickel Barrier Solder-Coated Pads
• Designed For Visual Inspection of Solder Joints
• Designed For Board Cleaning
• Application Specific Circuits Are Available
• Compatible With Reflow Solder Process
• RoHS Compliant
Leadless Surface Mount Series 753
Technical
Data
Resistance Tolerance:
Resistance Range:
Standard: ±2% or 0.5Ω (whichever is greater)
Standard: 10Ω to 1 MegΩ
Special: ±1% or 0.3Ω (whichever is greater)
Temperature Coefficient:
Maximum Operating Voltage:
Standard: ±200PPM/°C
25V not to exceed rated power
Operating Temperature Range:
-55°C to + 125°C
Power Rating (Total Network Power):
Number of inputs/outputs (watts)
SRT
8
9
10
12
DRT
16
18
20
24
@25°C
0.6
0.64
0.68
0.82
0.6
0.64
0.68
0.82
@70°C
0.4
0.43
0.45
0.55
0.4
0.43
0.45
0.55
Maximum Resistor Power:
(Not to Exceed Total Network Power)
Bussed & Dual
Terminator
Schematic
Isolated
Schematic
@25°C
0.06w
0.12w
@70°C
0.04w
0.08w


Similar Part No. - 753121560JPTR7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753121DPTR13 CTS-753121DPTR13 Datasheet
189Kb / 4P
   High Density Packaging
753121DPTR7 CTS-753121DPTR7 Datasheet
189Kb / 4P
   High Density Packaging
753121FPTR13 CTS-753121FPTR13 Datasheet
189Kb / 4P
   High Density Packaging
753121FPTR7 CTS-753121FPTR7 Datasheet
189Kb / 4P
   High Density Packaging
753121GPTR13 CTS-753121GPTR13 Datasheet
189Kb / 4P
   High Density Packaging
More results

Similar Description - 753121560JPTR7

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1 Datasheet
122Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
1N746AUR-1 MICROSEMI-1N746AUR-1 Datasheet
44Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
BZV55C7V5 MICROSEMI-BZV55C7V5 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Compensated Deuices Inc...
CDLL3821 CDI-DIODE-CDLL3821 Datasheet
22Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4099 CDI-DIODE-CDLL4099 Datasheet
96Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL746 CDI-DIODE-CDLL746 Datasheet
25Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4614 CDI-DIODE-CDLL4614 Datasheet
109Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Connor-Winfield Corpora...
MSD611 CONNOR-WINFIELD-MSD611 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD621 CONNOR-WINFIELD-MSD621 Datasheet
203Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD641 CONNOR-WINFIELD-MSD641 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com