Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH8R04D Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH8R04D
Description  Ultrafast recovery diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R04D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STTH8R04D Datasheet HTML 3Page - STMicroelectronics STTH8R04D Datasheet HTML 4Page - STMicroelectronics STTH8R04D Datasheet HTML 5Page - STMicroelectronics STTH8R04D Datasheet HTML 6Page - STMicroelectronics STTH8R04D Datasheet HTML 7Page - STMicroelectronics STTH8R04D Datasheet HTML 8Page - STMicroelectronics STTH8R04D Datasheet HTML 9Page - STMicroelectronics STTH8R04D Datasheet HTML 10Page - STMicroelectronics STTH8R04D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STTH8R04
Package information
7/11
Table 6.
TO-220AC dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
H2
10.00
10.40
0.393
0.409
L2
16.40 typ.
0.645 typ.
L4
13.00
14.00
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam.
I
3.75
3.85
0.147
0.151
A
C
D
L7
Ø I
L5
L6
L9
L4
F
H2
G
L2
F1
E
M


Similar Part No. - STTH8R04D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8R03 STMICROELECTRONICS-STTH8R03 Datasheet
86Kb / 6P
   300V HYPERFAST RECTIFIER
STTH8R03D STMICROELECTRONICS-STTH8R03D Datasheet
86Kb / 6P
   300V HYPERFAST RECTIFIER
STTH8R03DJF STMICROELECTRONICS-STTH8R03DJF Datasheet
181Kb / 9P
   Ultrafast recovery diode high efficiency
STTH8R03DJF-TR STMICROELECTRONICS-STTH8R03DJF-TR Datasheet
181Kb / 9P
   Ultrafast recovery diode high efficiency
STTH8R03G STMICROELECTRONICS-STTH8R03G Datasheet
86Kb / 6P
   300V HYPERFAST RECTIFIER
More results

Similar Description - STTH8R04D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
   Ultrafast recovery diode
logo
Sanken electric
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
   Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
   Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
   Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
   Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
   Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C300HJ ISC-DPG60C300HJ Datasheet
285Kb / 2P
   Ultrafast Recovery Diode
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
   Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
   Ultrafast Recovery Diode
logo
Sanken electric
MPL-1036S SANKEN-MPL-1036S Datasheet
241Kb / 5P
   Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com