Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2359RHHT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2359RHHT
Description  TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2359RHHT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2359RHHT Datasheet HTML 6Page - Texas Instruments TPS2359RHHT Datasheet HTML 7Page - Texas Instruments TPS2359RHHT Datasheet HTML 8Page - Texas Instruments TPS2359RHHT Datasheet HTML 9Page - Texas Instruments TPS2359RHHT Datasheet HTML 10Page - Texas Instruments TPS2359RHHT Datasheet HTML 11Page - Texas Instruments TPS2359RHHT Datasheet HTML 12Page - Texas Instruments TPS2359RHHT Datasheet HTML 13Page - Texas Instruments TPS2359RHHT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
DETAILED PIN DESCRIPTION
TPS2359
SLUS792D – FEBRUARY 2008 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
A0, A1, A2 These three pins select one of 27 unique I2C addresses for address of the TPS2359. Each pin may
be tied to ground, tied to the VINT pin, or left open. See TPS2359 I2C Interface section for details.
AGND Ground pin for analog circuitry inside the TPS2359.
BLKx Gate drive pin for the 12x channel BLK FET. This pin sources 30
µA to turn the FET on. An internal clamp
prevents this pin from rising more than 14.5 V above OUT12x. Setting the ORENx bit low holds the BLKx pin
low.
EN3x Active-high enable input. Pulling this pin low turns off channel 3x by pulling the gate of the internal pass
FET to GND. An internal 200-k
Ω resistor pulls this pin up to VINTwhen disconnected.
GNDx Ground pin for power circuitry associated with the 12x channel. These pins should connect to a ground
plane shared with the AGND pin.
IN12x Supply pin for channel 12x internal circuitry.
IN3x Supply pin for channel 3x internal pass FET.
IRPT Open drain output that pulls low when internal circuitry sets any of the eight status bits in Register 7.
Reading Register 7 restores IRPT to its high-Z state.
OUT12x Senses the output voltage of the channel 12x path.
OUT3x Output of the channel 3x internal pass FET.
PASSx Gate drive pin for the 12x channel PASS FET. This pin sources 30
µA to turn the FET on. An internal
clamps prevents this pin from rising more than 14.5 V above IN12x.
SCL Serial clock input for the I2C interface. For details of the SCL line, see TPS2359 I2C Interface section.
SDA Bidirectional I2C data line. For details of the SDA line, see TPS2359 I2C Interface section for details.
SENMx Senses the voltage on the low side of the channel 12x current sense resistor.
SENPx Senses the voltage on the high side of the channel 12x current sense resistor.
SETx A resistor connected from this pin to SENPx sets the current limit level in conjunction with the current
sense resistor and the resistor connected to the SUM12x pin, as described in 12-V thresholds – setting current
limit and fast over current trip section.
SUMx A resistor connected from this pin to ground forms part of the channel x current limit. As the current
delivered to the load increases, so does the voltage on this pin. When the voltage on this pin reaches a threshold
(by default 675 mV), the current limit amplifier acts to prevent the current from further increasing.
VDD3x Supply pin for channel3x internal circuitry.
VINT This pin connects to the internal 2.35-V rail. A 0.1-
µF capacitor must be connected from this pin to ground.
One can connect the A0–A2 pins to this supply to pull them high, but no other external circuitry should connect to
VINT.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2359


Similar Part No. - TPS2359RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2359RHHT TI1-TPS2359RHHT Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
TPS2359RHHTG4 TI1-TPS2359RHHTG4 Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
More results

Similar Description - TPS2359RHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2359 TI1-TPS2359_15 Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
TPS2358_0806 TI-TPS2358_0806 Datasheet
932Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560_06 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
NCP1560 ONSEMI-NCP1560 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
logo
Texas Instruments
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com