Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANC2405UW12 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # LANC2405UW12
Description  DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC2405UW12 Datasheet(HTML) 6 Page - Wall Industries,Inc.

Back Button LANC2405UW12 Datasheet HTML 2Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 3Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 4Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 5Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 6Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 7Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 8Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 9Page - Wall Industries,Inc. LANC2405UW12 Datasheet HTML 10Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TECHNICAL DATASHEET
LANC2405UW12
(888) 597-WALL
www.wallindustries.com
Page 6 of 14
Graph 1: Efficiency vs. Output Current
Graph 2: Efficiency vs. Input Voltage (Full Load)
Graph 3: Output Power vs. Ambient Temperature & Airflow
(Nominal Vin)
Graph 4: Power Dissipation Vs. Output Current
Graph 5: Conducted Emission of EN55022 Class A
(Nominal Vin and Full Load)
Graph 6: Conducted Emission of EN55022 Class B
(Nominal Vin and Full Load)
% Of Full Load
Input Voltage (V)
Ambient Temperature, Ta (°C)
% Of Full Load
9V
24V
36V
Vin=9V
Vin=24V
Vin=36V
Natural Convection
100LFM
200LFM
300LFM
400LFM
500LFM
Vin=9V
Vin=24V
Vin=36V
Frequency (MHz)
Frequency (MHz)


Similar Part No. - LANC2405UW12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2405UW12 WALL-LANC2405UW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
More results

Similar Description - LANC2405UW12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC485.1W12 WALL-LANC485.1W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 5.1 VDC Output at 2.4A
LANC245.1W12 WALL-LANC245.1W12 Datasheet
1,023Kb / 14P
   DC/DC Converter 18-36 VDC Input 5.1 VDC Output at 2.4A
LANC125.1W12 WALL-LANC125.1W12 Datasheet
889Kb / 14P
   DC/DC Converter 9-18 VDC Input 5.1 VDC Output at 2.4A
LANC4805UW12 WALL-LANC4805UW12 Datasheet
916Kb / 14P
   DC/DC Converter 18-75 VDC Input 5.1 VDC Output at 2.4A
LANC2412UW12 WALL-LANC2412UW12 Datasheet
912Kb / 14P
   DC/DC Converter 9-36 VDC Input 12 VDC Output at 1.0A
LANC2415UW12 WALL-LANC2415UW12 Datasheet
912Kb / 14P
   DC/DC Converter 9-36 VDC Input 15 VDC Output at 0.8A
LANC2433UW12 WALL-LANC2433UW12 Datasheet
923Kb / 14P
   DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
LANC4815DW8 WALL-LANC4815DW8 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹15 VDC Output at 짹0.267A
LANC4815W12 WALL-LANC4815W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 15 VDC Output at 0.8A
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com