Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST207E Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST207E
Description  짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207E Datasheet(HTML) 4 Page - STMicroelectronics

  ST207E Datasheet HTML 1Page - STMicroelectronics ST207E Datasheet HTML 2Page - STMicroelectronics ST207E Datasheet HTML 3Page - STMicroelectronics ST207E Datasheet HTML 4Page - STMicroelectronics ST207E Datasheet HTML 5Page - STMicroelectronics ST207E Datasheet HTML 6Page - STMicroelectronics ST207E Datasheet HTML 7Page - STMicroelectronics ST207E Datasheet HTML 8Page - STMicroelectronics ST207E Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TRANSMITTER ELECTRICAL CHARACTERISTICS (C1 -C4 = 0.1
µF, VCC =5V ± 5% TA = Min to
Max, unless otherwise specified. Typical Valus are referred to TA =25
oC)
Symb ol
Parameter
T est Con ditio ns
Value
Un it
Min.
T yp.
Max.
VTOUT
Output Voltage Swing
All drivers loaded with 3K
Ω to GND
±5
±8.5
V
ROUT
Transmitter Output Resistance VCC =V+= V- = 0V
VOUT =
± 2 V
300
ISC
Transmitter Output Short
Circuit Current
±18
±60
mA
IIL
Input Pull-Up Current
TIN = 0 V
15
200
µA
VTIL
Input Logic Threshold Low
0.8
V
VTIH
Input Logic Threshold High
2
V
TIMING CHARACTERISTICS (C1 -C4 = 0.1
µF, VCC =5V ± 5% TA = Min to Max, unless otherwise
specified. Typical Valus are referred to TA =25
oC)
Symb ol
Parameter
T est Con ditio ns
Value
Un it
Min.
T yp.
Max.
DR
Maximum Data Rate
RL =3K
Ω to 7 KΩ,
CL = 50pF to 1000pF
one transmitter switching
120
kbps
tPLHR
tPHLR
Receiver Propagation Delay
All drivers loaded with 3K
Ω to GND
0.2
10
µs
tPLHT
tPHLT
Transmitter Propagation Delay RL =3K
Ω,CL = 2500pF
all transmitters loaded
2
µs
SR
Transition-Region Slew Rate
TA =25
oCVCC =5V
RL =3K
Ω to 7 KΩ,
CL = 50pF to 1000pF
measure from -3V to 3V or 3V to -3V
3
7
30
V/
µs
ST207E
4/9


Similar Part No. - ST207E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
AVX Corporation
ST207E104CAR AVX-ST207E104CAR Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
ST207E104CARAP1 AVX-ST207E104CARAP1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
ST207E104CART AVX-ST207E104CART Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
ST207E104CARTR1 AVX-ST207E104CARTR1 Datasheet
461Kb / 14P
   Radial Leads/SkyCap짰/SR Series
More results

Similar Description - ST207E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
   짹 15kV ESD protected 5V RS-232 transceiver
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
   ±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E_06 Datasheet
295Kb / 17P
   짹 15KV ESD-protected, 1關A, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com