Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZM5227B Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # TZM5227B
Description  500mW Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TZM5227B Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TZM5227B Datasheet HTML 1Page - TAITRON Components Incorporated TZM5227B Datasheet HTML 2Page - TAITRON Components Incorporated TZM5227B Datasheet HTML 3Page - TAITRON Components Incorporated TZM5227B Datasheet HTML 4Page - TAITRON Components Incorporated TZM5227B Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
500mW Surface Mount Zener Diodes
TZM5221B - TZM5267B
Rev. C/AH 2008-02-28
www.taitroncomponents.com
Page 3 of 5
Fig.1 Power Derating Curve
Ambient Temperature Ta (°C)
Normal Zener Voltage
Max. Zener impedance
Max. reverse
leakage current
VZ @ IZT
ZZT @ IZT
Zzk @ Izk
ID @ VR
P/N
Marking
Code
Nom.(V)
Min. (V)
Max. (V)
IZT (mA)
mA
µA
VR (V)
TZM5252B
5252
24
22.80
25.20
5.2
33.0
600
0.25
0.1
18.0
TZM5253B
5253
25
23.75
26.25
5.0
35.0
600
0.25
0.1
19.0
TZM5254B
5254
27
25.65
28.35
4.6
41.0
600
0.25
0.1
21.0
TZM5255B
5255
28
26.60
29.40
4.5
44.0
600
0.25
0.1
21.0
TZM5256B
5256
30
28.50
31.50
4.2
49.0
600
0.25
0.1
23.0
TZM5257B
5257
33
31.35
34.65
3.8
58.0
700
0.25
0.1
25.0
TZM5258B
5258
36
34.20
37.80
3.4
70.0
700
0.25
0.1
27.0
TZM5259B
5259
39
37.05
40.95
3.2
80.0
800
0.25
0.1
30.0
TZM5260B
5260
43
40.85
45.15
3.0
93.0
900
0.25
0.1
33.0
TZM5261B
5261
47
44.65
49.35
2.7
105.0
1000
0.25
0.1
36.0
TZM5262B
5262
51
48.45
53.55
2.5
125.0
1100
0.25
0.1
39.0
TZM5263B
5263
56
53.20
58.80
2.2
150.0
1300
0.25
0.1
43.0
TZM5264B
5264
60
57.00
63.00
2.1
170.0
1400
0.25
0.1
46.0
TZM5265B
5265
62
58.90
65.10
2.0
185.0
1400
0.25
0.1
47.0
TZM5266B
5266
68
64.60
71.40
1.8
230.0
1600
0.25
0.1
52.0
TZM5267B
5267
75
71.25
78.75
1.7
270.0
1700
0.25
0.1
56.0
Note: Marking code is available in 2008.
Characteristics Curves


Similar Part No. - TZM5227B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZM5227B VISHAY-TZM5227B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
TZM5227B VISHAY-TZM5227B Datasheet
81Kb / 5P
   Small Signal Zener Diodes
Rev. 1.5, 21-Mar-06
TZM5227B VISHAY-TZM5227B Datasheet
78Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 29-Nov-11
TZM5227B VISHAY-TZM5227B Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
TZM5227B VISHAY-TZM5227B Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
More results

Similar Description - TZM5227B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
   500mW SURFACE MOUNT ZENER DIODES
logo
SUNMATE electronic Co.,...
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
   500mW Surface Mount Zener Diodes
logo
TAITRON Components Inco...
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
   500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
   500mW Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
   500mW Surface Mount Zener Diodes - 2.0V-100V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com