Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGF1M Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # UGF1M
Description  1.0A Sintered Glass Passivated Ultra Fast Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

UGF1M Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  UGF1M Datasheet HTML 1Page - TAITRON Components Incorporated UGF1M Datasheet HTML 2Page - TAITRON Components Incorporated UGF1M Datasheet HTML 3Page - TAITRON Components Incorporated UGF1M Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2007-11-07
UGF1A – UGF1M
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329 (661)-257-6415
1.0A Sintered Glass Passivated
Ultra Fast Rectifier
1.0A Sintered Glass Passivated Ultra Fast Rectifier
Features
• Sintered glass passivated (SGP) rectifier chip
• Glass passivated cavity-free junction
• Ideal for surface mount automotive applications
• Superfast recovery time for high efficiency
• Built-in strain relief
• Easy pick and place
• High temperature soldering guaranteed:260°C/10 seconds,
at terminals
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-214AC(SMA) molded plastic over passivated chip
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Tin plated, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
0.002 ounces, 0.064 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
UGF1A
UGF1B
UGF1D
UGF1G
UGF1J
UGF1K
UGF1M
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average
Forward Rectified
Current
1.0
A
TL=75° C
IFSM
Peak Forward Surge
Current
30
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
SMA


Similar Part No. - UGF1M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UGF10 VISHAY-UGF10 Datasheet
80Kb / 3P
   Dual Ultrafast Soft Recovery Rectifiers
27-Jun-03
UGF10 VISHAY-UGF10 Datasheet
46Kb / 3P
   Dual Ultrafast Soft Recovery Rectifier
03-Jul-02
logo
Taiwan Semiconductor Co...
UGF1004G TSC-UGF1004G Datasheet
238Kb / 3P
   10.0AMPS. Isolated Glass Passivated Ultra Fast Rectifiers
UGF1004G TSC-UGF1004G Datasheet
225Kb / 4P
   Isolated Ultra Fast Rectifiers
logo
Thinki Semiconductor Co...
UGF1004G THINKISEMI-UGF1004G Datasheet
1Mb / 2P
   10.0 Amperes Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Similar Description - UGF1M

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MURS140 TAITRON-MURS140 Datasheet
181Kb / 5P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
UGP10A TAITRON-UGP10A Datasheet
147Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
MUR130 TAITRON-MUR130 Datasheet
172Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
TCDU1DW TAITRON-TCDU1DW Datasheet
229Kb / 5P
   1.0A Sintered Glass Passivated Ultra Fast Low Profile Rectifier
TCDR1DW TAITRON-TCDR1DW Datasheet
200Kb / 6P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
TCDR1QW TAITRON-TCDR1QW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
EGF1A TAITRON-EGF1A Datasheet
139Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Rectifier
RGF1A TAITRON-RGF1A Datasheet
173Kb / 6P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP10Q TAITRON-RGP10Q Datasheet
131Kb / 4P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP10A TAITRON-RGP10A Datasheet
132Kb / 4P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com