Selected language     English  ▼


W005G Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part No. W005G
Description  1.5A Glass Passivated Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo 

   
 1 page
background image
Rev. A/AH 2008-05-23
W005G – W10G
1.5A Glass Passivated
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 5
1.5A Glass Passivated Bridge Rectifier
Features
• Glass passivated chip junction
• High case dielectric strength
• Typical IR less than 0.1µA
• High surge current capability
• Ideal for printed circuit boards
• High temperature soldering guaranteed: 260˚C/10 seconds
0.375” (9.5mm) lead length at 5lbs.(2.3kg) tension
• This series is UL recognized under component index, File number E194718
• RoHS compliant
Mechanical Data
Case:
WOG, Epoxy meets UL 94V-0 flammability rating
Terminals:
Plated leads solderable per MIL-STD-750, Method 2026
Polarity:
As marked on case
Weight:
0.04 ounce, 1.1 grams
Maximum Ratings And Electrical Characteristics (Tamb=25˚C)
Symbols
Parameter
W005G
W01G
W02G
W04G
W06G
W08G
W10G
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average Forward
Rectified Current at 0.375”
(9.5mm) lead length
1.5
A
TA=25° C
IFSM
Peak Forward Surge Current
50
A
8.3ms Single
Sine-wave
Superimposed
on Rated Load
(JEDEC
Method)
t
Rating for Fusing (t<8.3ms)
10
A²sec
WOG




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
W005G_061.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
DF15005S_11.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
W005G_11.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
KBP005G_11.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
DF150_061.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
DF150S_061.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
KBP005M_061.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
KBP150G_061.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
B40C800DMGlass Passivated Ultrafast Bridge Rectifier 1 2 3 4 Vishay Siliconix
GBJ10005_110A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl