Selected language     English  ▼


W005G Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part No. W005G
Description  1.5A Glass Passivated Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo 

   
 2 page
background image
Rev. A/AH 2008-05-23
www.taitroncomponents.com
Page 2 of 5
1.5A Glass Passivated Bridge Rectifier
W005G – W10G
Fig.1- Derating Curve Output
Rectified Current
Ambient Temperature (°C)
Symbols
Parameter
W005G
W01G
W02G
W04G
W06G
W08G
W10G
Unit
Conditions
VF
Maximum Instantaneous
Forward Voltage Drop per leg
1.0
V
IF=1.0A
5.0
TA=25°C
IR
Maximum DC Reverse
Current at Rated DC Blocking
Voltage per leg
500
µA
TA=125°C
CJ
Typical Junction Capacitance
per leg
14
pF
VR=4V, f=1MHz
RθJA
36
RθJL
Typical Thermal Resistance
per leg
11
˚C/W
Note 1
TJ,TSTG
Operating Junction and
Storage Temperature Range
-55 to +150
˚C
Note: 1. Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead
length P.C.B. mounting.
P.C.B. size 0.22 x 0.22” (5.5 x 5.5mm).
Rating and Characteristic Curves
Fig.2-Maximum Non-Repetitive Peak
Forward Surge Current per leg
Number of Cycles at 60 Hz




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
W005G_061.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
DF15005S_11.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
W005G_11.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
KBP005G_11.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
DF150_061.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
DF150S_061.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
KBP005M_061.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
KBP150G_061.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
B40C800DMGlass Passivated Ultrafast Bridge Rectifier 1 2 3 4 Vishay Siliconix
GBJ10005_110A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl