Selected language     English  ▼


W01M Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part No. W01M
Description  1.5A Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo 

   
 1 page
background image
Rev. B/AH 2008-05-20
W005M - W10M
1.5A Bridge Rectifiers
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON (800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
1.5A Bridge Rectifiers
Features
• High forward surge current capability
• Ideal for printed circuit board
• High temperature soldering guaranteed:
260°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs (2.3kg) tension
• This series is UL recognized under component index, File number E194718
• RoHS Compliant
Mechanical Data
Case:
WOM/WO, molded plastic
Epoxy:
Plastic package has UL flammability 94V-0
Terminals:
Plated axial leads, solderable per MIL-STD-202E, Method 208C
Polarity:
Polarity symbols marked on case
Weight:
0.042 ounces, 1.2 grams
Maximum Ratings And Electrical Characteristics (Tamb=25˚C)
Symbols
Parameter
W005M
W01M
W02M
W04M
W06M
W08M
W10M
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average Forward
Rectified Current
1.5
A
TA=25°C
IFSM
Peak Forward Surge Current
50
A
8.3ms single half
sine-wave
superimposed on
rated load
(JEDEC Method)
VF
Maximum Instantaneous
Forward Voltage Drop per leg
1.0
V
IF=1.0A
5.0
TA=25°C
IR
Maximum DC Reverse
Current at Rated DC Blocking
Voltage per leg
500
µA
TA=100°C
WOM




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DF15005M_11.5A GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 3 Diodes Incorporated
W005G_061.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 1 2 3 4 Won-Top Electronics
W005G1.5A Glass Passivated Bridge Rectifier 1 2 3 4 5 TAITRON Components Incorporated
KBP005M_01Bridge Rectifiers 1 2 3 Fairchild Semiconductor
W005G_01Bridge Rectifiers Glass Passivated 1 2 3 Fairchild Semiconductor
KBU601_1Single Phase 6.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
2W005M_1Single Phase 2.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
RMB2S0.8Amps Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
GBPC15High Current 15 25 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
TS25P01G_1Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl