Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20C4 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST20C4
Description  Instruction Set Reference Manual
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 7Page - STMicroelectronics ST20C4 Datasheet HTML 8Page - STMicroelectronics ST20C4 Datasheet HTML 9Page - STMicroelectronics ST20C4 Datasheet HTML 10Page - STMicroelectronics ST20C4 Datasheet HTML 11Page - STMicroelectronics ST20C4 Datasheet HTML 12Page - STMicroelectronics ST20C4 Datasheet HTML 13Page - STMicroelectronics ST20C4 Datasheet HTML 14Page - STMicroelectronics ST20C4 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 212 page
background image
11/212
®
1.7.6
On-chip peripherals
On-chip peripherals may have memory-mapped registers in the address range
PeripheralStart to PeripheralEnd. Access to these registers is represented in the
following way:
PeripheralByte[
address] references an 8-bit peripheral register
PeripheralSixteen[
address] references a 16-bit peripheral register
PeripheralWord[
address] references a 32-bit peripheral register
For all of these, the state of the peripheral referenced is that
before the instruction if
the function is used without a prime (e.g. PeripheralWord[]), and that
after the
instruction if the function is used with a prime (e.g. PeripheralWord
′[]).
For example, writing a value given by an expression,
expr, to the register at address
addr is represented by:
PeripheralWord
′[addr] ← expr
and reading a word from a peripheral is achieved by:
Areg
′← PeripheralWord[addr]
1.8
Block move registers
A group of registers is used in the implementation of block moves. These are referred
to as the ‘block move registers’ and include
Move2dBlockLength, Move2dDestStride,
and
Move2dSourceStride.
1.9
Constants
A number of data structures have been defined in this book. Each compr ises a
number of data slots that are referenced by name in the text and the following
instructions descriptions.
These data structures is listed in Table 1.2 to Table 1.4.
word offset
slot name
purpose
0
pw.Temp
slot used by some instructions for storing temporary values
-1
pw.Iptr
the instruction pointer of a descheduled process
-2
pw.Link
the address of the workspace of the next process in scheduling list
-3
pw.Pointer
saved pointer to communication data area
-3
pw.State
saved alternative state
-4
pw.TLink
address of the workspace of the next process on the timer list
-5
pw.Time
time that a process on a timer list is waiting for
Table 1.1 Process workspace data structure


Similar Part No. - ST20C4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20 STMICROELECTRONICS-ST20 Datasheet
129Kb / 21P
   ST20 software development and debugging tools
logo
Arch Electronics Corp.
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
logo
RFE international
ST20-103 RFE-ST20-103 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-104 RFE-ST20-104 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST20-154 RFE-ST20-154 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
More results

Similar Description - ST20C4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-C1 STMICROELECTRONICS-ST20-C1 Datasheet
856Kb / 205P
   Instruction Set Reference Manual
logo
DENSEI-LAMBDA
PAF600F280 LAMBDA-PAF600F280 Datasheet
897Kb / 13P
   Instruction Manual
logo
Nanjing Qinheng Microel...
CH561 WCH-CH561 Datasheet
731Kb / 96P
   Manual instruction
logo
List of Unclassifed Man...
PX-601 ETC1-PX-601 Datasheet
3Mb / 2P
   INSTRUCTION MANUAL
MC340 ETC-MC340 Datasheet
294Kb / 2P
   MC340 Instruction Manual
Rev. MC340_1347en
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
   Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
   Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
   Extended instruction set
March 2015 Rev 4
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
1,011Kb / 96P
   SAM47 INSTRUCTION SET
logo
STMicroelectronics
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
   Extended instruction set
May 2017 Rev 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com