Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TU1006G Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TU1006G
Description  10A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TU1006G Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TU1006G Datasheet HTML 1Page - TAITRON Components Incorporated TU1006G Datasheet HTML 2Page - TAITRON Components Incorporated TU1006G Datasheet HTML 3Page - TAITRON Components Incorporated TU1006G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/AH 2007-09-18
www.taitroncomponents.com
Page 2 of 4
10A Glass Passivated Bridge Rectifier
TU1000G – TU1010G
Fig.1- Forward Current Derating Curve
TA, Ambient Temperature (°C)
Symbols
Parameter
TU
1000G
TU
1001G
TU
1002G
TU
1004G
TU
1006G
TU
1008G
TU
1010G
Unit
Conditions
t
Rating for Fusing
(1ms<t<8.3ms)
374
A²S
RθJA
Typical Thermal Resistance
per leg
16
˚C/W
(Note 2)
RθJC
Typical Thermal Resistance
per leg
2.8
˚C/W
(Note 1)
TJ,TSTG
Operating and Storage
Temperature Range
-55 to 150
˚C
Note:
1.Mounted on 85 x 85 x 1.5mm Al. plate
2.Mounted on PCB at 9.5mm lead length with 12mm² copper pad
3.Single Phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Rating and Characteristic Curves
Fig.2-Max Non-Repetitive Peak Forward Surge Current
per leg
Number of Cycles at 60Hz


Similar Part No. - TU1006G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TU1006 TAITRON-TU1006 Datasheet
201Kb / 4P
   10A Bridge Rectifiers
More results

Similar Description - TU1006G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1000G WTE-PB1000G Datasheet
34Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ10A ZSELEC-GBJ10A Datasheet
45Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU10005 DIODES-GBU10005 Datasheet
53Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
GBJ10005 DIODES-GBJ10005_15 Datasheet
81Kb / 3P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ10005 ZSELEC-GBJ10005 Datasheet
45Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ10A ZSELEC-KBJ10A Datasheet
84Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
RS1001M ZSELEC-RS1001M Datasheet
100Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
D10XB05 ZSELEC-D10XB05 Datasheet
59Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
GBJ10005 YEASHIN-GBJ10005 Datasheet
371Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
GBJ10005 LUGUANG-GBJ10005 Datasheet
172Kb / 2P
   10A Glass Passivated Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com