Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANC4812DW8 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANC4812DW8
Description  DC/DC Converter 36-75 VDC Input 짹12 VDC Output at 짹0.333A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC4812DW8 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANC4812DW8 Datasheet HTML 1Page - Wall Industries,Inc. LANC4812DW8 Datasheet HTML 2Page - Wall Industries,Inc. LANC4812DW8 Datasheet HTML 3Page - Wall Industries,Inc. LANC4812DW8 Datasheet HTML 4Page - Wall Industries,Inc. LANC4812DW8 Datasheet HTML 5Page - Wall Industries,Inc. LANC4812DW8 Datasheet HTML 6Page - Wall Industries,Inc. LANC4812DW8 Datasheet HTML 7Page - Wall Industries,Inc. LANC4812DW8 Datasheet HTML 8Page - Wall Industries,Inc. LANC4812DW8 Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TECHNICAL DATASHEET
LANC4812DW8
(888) 597-WALL
www.wallindustries.com
Page 3 of 14
Figure 1: Mechanical Dimensions
Table 1
Pin size is 0.02(0.5) Dia or
0.01 x 0.02 (0.25 x 0.50) Rectangular Pin
14
23
22
16
3
9
2
1
11
0.60(15.2)
0.80(20.3)
0.40
(10.2)
0.15
(3.8)
0.08(2.0)
BOTTOM
VIEW
1. All dimensions are in Inches (mm)
Tolerance: x.xx±0.02 (x.x±0.5)
2. Pin pitch tolerance ±0.014(0.35)
DIP Type
Pin Connection
Pin
Define
Pin
Define
1
CTRL
2
-Input
23
+Input
3
-Input
22
+Input
9
Common
16
Common
11
-Output
14
+Output
Suffix-S
1.00(25.4)
0.92(23.4)
0.44(11.2)
0.43(10.9)
0.80(20.3)
24
13
16
20
12
1
5
9
BOTTOM
VIEW
Pin Area
0.04 x 0.02
(1.0 x 0.5)
1. All dimensions in Inches (mm)
Tolerance: x.xx±0.02 (x.x±0.5)
2. Pin pitch tolerance ±0.014(0.35)
Pin Connection
Pin
Define
Pin
Define
1
CTRL
2
-Input
23
+Input
3
-Input
22
+Input
9
Common
16
Common
11
-Output
14
+Output
Others
NC
Others
NC
Table 2
SMT Type


Similar Part No. - LANC4812DW8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC4812DW8 WALL-LANC4812DW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results

Similar Description - LANC4812DW8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2412DW8 WALL-LANC2412DW8 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.333A
LANC4812DW12 WALL-LANC4812DW12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹12 VDC Output at 짹0.5A
LANC1212DW8 WALL-LANC1212DW8 Datasheet
1Mb / 14P
   DC/DC Converter 9-18 VDC Input 짹12 VDC Output at 짹0.333A
LANC2412DW12 WALL-LANC2412DW12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.5A
LANC4815DW8 WALL-LANC4815DW8 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹15 VDC Output at 짹0.267A
LANC4815W12 WALL-LANC4815W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 15 VDC Output at 0.8A
LANC485.1W12 WALL-LANC485.1W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 5.1 VDC Output at 2.4A
LANC4805DW8 WALL-LANC4805DW8 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹5.0 VDC Output at 짹0.8A
LANC4812W12 WALL-LANC4812W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 12 VDC Output at 1.0A
LANC482.5W12 WALL-LANC482.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 2.5 VDC Output at 3.5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com