Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z1SMA36 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # Z1SMA36
Description  1.0W Surface Mount Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

Z1SMA36 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  Z1SMA36 Datasheet HTML 1Page - TAITRON Components Incorporated Z1SMA36 Datasheet HTML 2Page - TAITRON Components Incorporated Z1SMA36 Datasheet HTML 3Page - TAITRON Components Incorporated Z1SMA36 Datasheet HTML 4Page - TAITRON Components Incorporated Z1SMA36 Datasheet HTML 5Page - TAITRON Components Incorporated Z1SMA36 Datasheet HTML 6Page - TAITRON Components Incorporated Z1SMA36 Datasheet HTML 7Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev. A/DX 2007-05-15
www.taitroncomponents.com
Page 3 of 7
1.0W Surface Mount Zener Diodes
Z1SMA3V3 – Z1SMA200
Fig.2- Typical Forward Characteristic
VF, Instantaneous forward voltage (V)
Fig.1-Max. Continuous Power Dissipation
TA, Ambient Temperature (°C)
Norminal Zener Voltage @ IZT
V Z
Max. Zener
Impedance
Max. Reverse
Leakage Current IR
@ VR
Part NO.
Marking
Code
Nom.
Min.
Max.
IZT(mA)
ZZT @ IZT
IR (
μA)
VR(V)
Z1SMA56
FG
56
52
60
10
60
1
43
Z1SMA62
FH
62
58
66
10
80
1
47
Z1SMA68
FK
68
64
72
10
80
1
51
Z1SMA75
FL
75
70
80
10
100
1
56
Z1SMA82
FM
82
77
87
10
100
1
62
Z1SMA91
FN
91
85
96
5
200
1
68
Z1SMA100
F
100
94
106
5
200
1
75
Z1SMA110
FQ
110
104
116
5
250
1
82
Z1SMA120
FR
120
114
127
5
250
1
91
Z1SMA130
FS
130
124
141
5
300
1
100
Z1SMA150
FT
150
138
156
5
300
1
110
Z1SMA160
FU
160
153
171
5
350
1
120
Z1SMA180
FV
180
168
191
5
400
1
130
Z1SMA200
FW
200
188
212
5
400
1
150
Typical Characteristics Curves


Similar Part No. - Z1SMA36

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
Z1SMA36 DIOTEC-Z1SMA36 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA36 DIOTEC-Z1SMA36 Datasheet
94Kb / 2P
   Surface mount Silicon-Zener Diodes
logo
Semikron International
Z1SMA36 SEMIKRON-Z1SMA36 Datasheet
180Kb / 3P
   Surface mount diode Zener silicon diodes
logo
SEMTECH ELECTRONICS LTD...
Z1SMA36 SEMTECH_ELEC-Z1SMA36 Datasheet
183Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
Z1SMA36 DIOTEC-Z1SMA36 Datasheet
93Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
More results

Similar Description - Z1SMA36

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SML4728 LUGUANG-SML4728 Datasheet
1Mb / 3P
   1.0W Zener Diodes
logo
Sanyo Semicon Device
DZB62 SANYO-DZB62 Datasheet
40Kb / 2P
   1.0W Zener Diodes
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com