Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z5SMB5360B Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # Z5SMB5360B
Description  5.0W Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

Z5SMB5360B Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  Z5SMB5360B Datasheet HTML 1Page - TAITRON Components Incorporated Z5SMB5360B Datasheet HTML 2Page - TAITRON Components Incorporated Z5SMB5360B Datasheet HTML 3Page - TAITRON Components Incorporated Z5SMB5360B Datasheet HTML 4Page - TAITRON Components Incorporated Z5SMB5360B Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/DX 2007-09-30
Z5SMB5333B – Z5SMB5388B
5.0W Surface Mount Zener Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 5
5.0W Surface Mount Zener Diodes
Features
• Complete Voltage Range 3.3 to 200V
• High peak reverse power dissipation
• High reliability
• Low leakage current
• RoHS Compliant
Mechanical Data
Case:
SMB (DO-214AA) molded plastic
Epoxy:
Plastic package has UL flammability 94V-0
Lead:
Lead formed for surface mount
Polarity:
Color band denotes cathode end
Weight:
0.093 gram
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
PD
DC Power dissipation
5.0
W
TL=75 °C (Note)
VF
Max. Forward Voltage drop
1.2
V
IF=200mA
TJ,TSTG
Operating Junction and Storage
Temperature Range
-55 to 150
° C
Note: TL= Lead temperature at 5.0mm x 5.0mm (0.013mm thick) copper land areas
SMB
(DO-214AA)


Similar Part No. - Z5SMB5360B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
Z5SMB5333B SUNMATE-Z5SMB5333B Datasheet
671Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - Z5SMB5360B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N5333B TAITRON-1N5333B Datasheet
189Kb / 5P
   5.0W Zener Diodes
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com